Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5401-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT5401-G
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT5401-G Datasheet(HTML) 2 Page - Comchip Technology

  MMBT5401-G Datasheet HTML 1Page - Comchip Technology MMBT5401-G Datasheet HTML 2Page - Comchip Technology MMBT5401-G Datasheet HTML 3Page - Comchip Technology MMBT5401-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (MMBT5401-G)
Page 2
QW-BTR18
Fig.1 Max Power Dissipation vs.
Ambient Temperature
0
Ta, Ambient Temperature (°C)
0
75
175
Fig.2 Collector Emitter Saturation Voltage
vs. Collector Current
0.01
IC, Collector Current (mA)
1
100
Fig.3 DC Current Gain vs. Collector Current
1
IC, Collector Current (mA)
1
10
10000
100
50
100
0.1
125
50
250
400
10
10
Fig.4 Base Emitter Voltage vs. Collector Current
0.1
IC, Collector Current (mA)
0.1
1.0
0.5
1.0
10
100
10
1000
1000
25
150
100
150
200
300
350
1000
1.0
100
General Purpose Transistor
O
Ta=150 C
O
Ta=25 C
O
Ta=-50 C
O
Ta=150 C
O
Ta=25 C
O
Ta=-50 C
VCE=5V
VCE=5V
O
Ta=150 C
O
Ta=25 C
O
Ta=-50 C
Fig.5 Gain Bandwidth Product vs. Collector Current
1
IC, Collector Current (mA)
10
10
100
1000
1
100
VCE=10V
REV:B
Comchip Technology CO., LTD.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com