Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA92-G
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA92-G Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA92-G Datasheet HTML 1Page - Comchip Technology MMBTA92-G Datasheet HTML 2Page - Comchip Technology MMBTA92-G Datasheet HTML 3Page - Comchip Technology MMBTA92-G Datasheet HTML 4Page - Comchip Technology MMBTA92-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC CURVES (MMBTA92-G)
Page 2
QW-BTR39
General Purpose Transistor
REV:A
Fig.5 - IC — VBE
Base - Emmiter Voltage , VBE (mV)
Collector Current , Ic (mA)
-0.1
-1
-10
-100
0
100
1000
-50
Collector Current , Ic (mA)
-0.1
-1
-100
-10
Fig.3 - VCEsat — IC
-500
Fig.4 - VBEsat — IC
Collector Current, Ic (mA)
Fig.1- IC — VCE
Collector-Emitter Voltage,
VCE (V)
0
30
50
60
70
0
8
20
24
Fig.2- hFE— IC
-10
Fig.6 - FT — IC
0
-300
-600
-1200
-900
-0.1
-1
-10
-100
40
20
10
4
12
16
VCE=10V
COMMON EMITTER
-100
-0.1
-1
100
10
300
-10
Collector current , IC (mA)
-100
-0.1
-1
-600
-300
-900
-10
-500uA
-450uA
-350uA
-300uA
-250uA
IB=-50uA
-100uA
-150uA
-200uA
-500uA
-450uA
COMMON
EMITTER
Ta=25°C
-450uA
-300
COMMON EMITTER
VCE=10V
Ta=100°C
Ta= 25°C
ß=10
ß=10
Ta=25°C
Ta= 100°C
VCE=-20V
COMMON EMITTER
TA=25°C
Comchip Technology CO., LTD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com