Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL201-G Datasheet(PDF) 3 Page - Comchip Technology

Part # RL201-G
Description  General Purpose Silicon Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

RL201-G Datasheet(HTML) 3 Page - Comchip Technology

  RL201-G Datasheet HTML 1Page - Comchip Technology RL201-G Datasheet HTML 2Page - Comchip Technology RL201-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Standard Packaging
Marking Code
XXX = Product type marking code
Marking code
RL201
RL202
RL203
RL204
RL205
RL206
RL207
Part Number
RL201-G
RL202-G
RL203-G
RL204-G
RL205-G
RL206-G
RL207-G
Case Type
DO-15
BOX
( pcs )
3,000
AMMO PACK
CARTON
( pcs )
30,000
RLXXX
Page 3
QW-BG011
REV:B
General Purpose Silicon Rectifier
Taping Specification For Axial Lead Diodes
B
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W
B
Z
T
E
5.00 ± 0.50
52.40 ± 1.50
6.00 ± 0.40
1.20 (max)
0.80 (max)
2.063 ± 0.059
0.197 ± 0.020
0.047 (max)
0.236 ± 0.016
0.031 (max)
A
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
SYMBOL
(mm)
(inch)
DO-15
SYMBOL
(mm)
(inch)
DO-15
L
W
H
78.0 ± 5.0
3.071 ± 0.197
95.0 ± 5.0
3.740 ± 0.197
255.0 ± 5.0
10.039 ± 0.197
Comchip Technology CO., LTD.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com