Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME002P201 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FME002P201
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FME002P201 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FME002P201 Datasheet HTML 4Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 5Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 6Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 7Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 8Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 9Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 10Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 11Page - List of Unclassifed Manufacturers FME002P201 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
33
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FMX002P102 *
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX002S102 *
FMX002P101 *
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX002S101 *
FMX002P202 *
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FMX002S202 *
FMX002P201 *
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FMX002S201 *
FMX003P102 **
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FMX003S102**
FMX003P101**
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FMX003S101**
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff
30 microinches = 0,8 µm
200 microinches = 5 µm
* Short version / kurze Version
** Deep-drawn crimp ferrule without inspection hole, please see illustration on page 32.
** Tiefgezogene Crimphülse ohne Inspektionsbohrung, siehe Darstellung auf Seite 32.
Order Number
Receptacles
179BU, 187AU
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
179BU, 187AU
Type
Ausführung
Innenleiter
Inner Conductor
179BU, 187AU
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel
RG-
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Solder termination
Crimp or solder termination
Löten
Crimpen oder Löten
FMX Coaxial Contacts, 75 Ohm, Straight Cable Termination
FMX Koaxialkontakte, 75 Ohm, gerader Kabelanschluss
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
FMX002...
0,5
1,9
2,3
3,2
6,0
3,1
2,0
7,3
18,55
19,05
12,8
(0.020)
(0.075)
(0.091)
(0.126)
(0.236)
(0.122)
(0.079)
(0.287)
(0.730)
(0.750)
(0.504)
FMX003...
0,5
1,9
2,3
3,2
9,5
5,0
3,0
11,2
22,5
23,0
16,7
(0.020)
(0.075)
(0.091)
(0.126)
(0.374)
(0.197)
(0.118)
(0.441)
(0.886)
(0.906)
(0.657)
Dimensions
Abmessungen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com