Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS302415B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SFS302415B
Description  DC-DC Converters PCB Mount type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS302415B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SFS302415B Datasheet HTML 1Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 2Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS302415B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL
SFS15481R2 SFS15481R5 SFS15481R8 SFS154802 SFS15482R5 SFS15483R3 SFS154805 SFS154812 SFS154815
MAX OUTPUT WATTAGE[W]
6.24
7.8
8.1
9.0
11.25
14.85
15.0
15.0
15.0
DC OUTPUT
1.2V 5.2A 1.5V 5.2A 1.8V 4.5A 2V 4.5A
2.5V 4.5A 3.3V 4.5A 5V 3A
12V 1.25A 15V 1A
SPECIFICATIONS
MODEL
SFS15481R2 SFS15481R5 SFS15481R8 SFS154802 SFS15482R5 SFS15483R3 SFS154805 SFS154812 SFS154815
INPUT
VOLTAGE[V]
DC36 - 76
CURRENT[A]
*1
0.16typ
0.2typ
0.2typ
0.22typ
0.27typ
0.35typ
0.35typ
0.35typ
0.35typ
EFFICIENCY[%]
*1
82typ
83typ
85typ
86typ
87typ
89typ
90typ
89typ
89typ
START-UP VOLTAGE[V]
DC32 - 36
HYSTERESIS VOLTAGE[V] DC2 min
OUTPUT
VOLTAGE[V]
1.2
1.5
1.8
2
2.5
3.3
5
12
15
CURRENT[A]
5.2
5.2
4.5
4.5
4.5
4.5
3
1.25
1
VOLTAGE ACCURACY[%]
+5, -3
RIPPLE[mVp-p]
25max
120max
RIPPLE NOISE[mVp-p]
50max
150max
START-UP TIME[ms]
20 - 200max (DCIN 48V, Io=100%)
OUTPUT VOLTAGE SETTING *1
t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION
Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION
Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
MODEL
SFS15241R5
MAX OUTPUT WATTAGE[W]
7.8
DC OUTPUT
1.5V 5.2A
SFS15241R8
8.1
1.8V 4.5A
SFS15242R5
11.25
2.5V 4.5A
SFS15243R3
14.85
3.3V 4.5A
SFS152405
15.0
5V 3A
SFS152412
15.0
12V 1.25A
SFS152415
15.0
15V 1A
SPECIFICATIONS
MODEL
SFS15241R8
INPUT
VOLTAGE[V]
DC18 - 36
CURRENT[A]
*1
EFFICIENCY[%]
*1
START-UP VOLTAGE[V]
DC16 - 18
HYSTERESIS VOLTAGE[V] DC1 min
OUTPUT
VOLTAGE[V]
CURRENT[A]
0.4typ
85typ
1.8
4.5
SFS15241R5
0.39typ
83typ
1.5
5.2
SFS15242R5
0.54typ
87typ
2.5
4.5
SFS15243R3
0.7typ
89typ
3.3
4.5
SFS152405
0.69typ
90typ
5
3
SFS152412
0.7typ
89typ
12
1.25
SFS152415
0.7typ
89typ
15
1
VOLTAGE ACCURACY[%]
+5, -3
RIPPLE[mVp-p]
25max
120max
RIPPLE NOISE[mVp-p]
50max
150max
START-UP TIME[ms]
20 - 200max (DCIN 24V, Io=100%)
OUTPUT VOLTAGE SETTING *1
t1% of rated output voltage
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 103% of rating
OVERVOLTAGE PROTECTION
Works at 120 - 140% of rating
LOWVOLTAGE PROTECTION
Works at 90% max of rating
REMOTE ON/OFF
Provided(RC open : ON, short between RC and +Vin : OFF)
SFS15
DC-DC Converters PCB Mount type
SF
S
15
48
3R3
B
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
24:DC18 - 36V
48:DC36 - 76V
5Output voltage
6Mounting type
(Soldering process)
B :SMD(Pb-free solder)
C :DIP(Pb-free solder)
R
123456
SFS/SFCS
SFS/SFCS-4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com