Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS002S102 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # FMS002S102
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMS002S102 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button FMS002S102 Datasheet HTML 31Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 32Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 33Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 34Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 35Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 36Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 37Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 38Page - List of Unclassifed Manufacturers FMS002S102 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
TECHNISCHEÄNDERUNGENVORBEHALTEN-MAßEINMILLIMETER(INCHESINKLAMMERN)
62
ML 12/2008
Platings / Oberflächen
Mating Area
Termination Area
Steckbereich
Anschlussbereich
Order Number
Type
Inner Conductor
Outer Conductor
Inner Conductor
Outer Conductor
Order Number
Plug
Receptacles
Bestellnummer
Ausführung
Innenleiter
Außenleiter
Innenleiter
Außenleiter
Bestellnummer
Stecker
Steckdose
FBM007P154MR
CuBe
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FBM007S154UR
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
30 microinches = 0,8 µm
200 microinches = 5 µm
FBM Coaxial Contacts, 50 Ohm, Straight PCB Termination, 5 Pins
FBMKoaxialkontakte,50Ohm,geraderLeiterplattenanschluss,5Anschlüsse
Dimensions of an Example Connector with Coaxial Contact FBM007P... and Signal Contacts P22
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakt FBM007P... und Signalkontakten P22
Order Number
A
B
C
Bestellnummer
FBM007P...M
6,5
4,4
10,0
(0.256)
(0.173)
(0.394)
FBM007S...U
6,7
4,4
10,1
(0.264)
(0.173)
(0.398)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com