Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP008P104 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FMP008P104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP008P104 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FMP008P104 Datasheet HTML 14Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 20Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 21Page - List of Unclassifed Manufacturers FMP008P104 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
43
DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FME009P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME009S102
FME009P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME009S101
FME009P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME009S108
FME009P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FME009S202
FME009P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FME009S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
30 microinches =  0,8 µm
200 microinches =  5 µm
Type
Ausführung
Innenleiter
Inner Conductor
Bestellnummer
Steckdose
Outer Conductor
Outer Conductor
Inner Conductor
Order Number
Receptacles
Außenleiter
Innenleiter
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Außenleiter
FME Coaxial Contacts,50 Ohm, Right Angled PCB Termination, 5 Pins
FME Koaxialkontakte, 50 Ohm, abgewinkelter Leiterplattenanschluss, 5 Anschlüsse
Dimensions of an Example Connector with Coaxial Contact FME009P... and Signal Contacts P45
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakt FME009P... und Signalkontakten P45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com