Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP009P104 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # FMP009P104
Description  Code for Special Contacts
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FMP009P104 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button FMP009P104 Datasheet HTML 15Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 16Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 17Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 18Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 19Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 20Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 21Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 22Page - List of Unclassifed Manufacturers FMP009P104 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
44
ML 12/2008
Order Number
Plug
Bestellnummer
Stecker
FME005P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
FME005S102
FME005P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
FME005S101
FME005P108
1,3 µm Au
0,8 µm Au
1,3 µm Au
5 µm Sn
FME005S108
FME005P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
FME005S202
FME005P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
FME005S201
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches =  0,2 µm
50 microinches =  1,3 µm
30 microinches =  0,8 µm
200 microinches =  5 µm
Innenleiter
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Order Number
Receptacles
Type
Ausführung
Innenleiter
Inner Conductor
Außenleiter
Bestellnummer
Steckdose
Outer Conductor
Outer Conductor
Inner Conductor
Außenleiter
FME Coaxial Contacts, 75 Ohm, Straight PCB Termination, 3 Pins
FME Koaxialkontakte, 75 Ohm, gerader Leiterplattenanschluss, 3 Anschlüsse
Dimensions of an Example Connector with Coaxial Contacts FME005P... and Signal Contacts P1
Abmessungen am Beispiel Steckverbinder mit Koaxialkontakt FME005P... und Signalkontakten P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com