Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2146D Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2146D
Description  415.0 MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2146D Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2146D Datasheet HTML 1Page - RF Monolithics, Inc SF2146D Datasheet HTML 2Page - RF Monolithics, Inc SF2146D Datasheet HTML 3Page - RF Monolithics, Inc SF2146D Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 4
©2009-2010 by RF Monolithics, Inc.
SF2146D - 5/12/10
CH1
S21
LOG
10 dB/
REF -40 dB
CENTER
415 . 000
000
MHz
SPAN
400 . 000
000
MHz
Cor
PRm
19 May 2008 14:17:25
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH1
Markers
BW :
31 . 000003
MHz
cent
:
414 . 571283
MHz
Q: 13 . 373
1_ loss
: -3 . 3714
dB
SF2146D demo #67
Full
Test Circuit
Frequency Response



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com