Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2S017 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S017
Description  2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2S017 Datasheet HTML 1Page - Texas Instruments TPD2S017 Datasheet HTML 2Page - Texas Instruments TPD2S017 Datasheet HTML 3Page - Texas Instruments TPD2S017 Datasheet HTML 4Page - Texas Instruments TPD2S017 Datasheet HTML 5Page - Texas Instruments TPD2S017 Datasheet HTML 6Page - Texas Instruments TPD2S017 Datasheet HTML 7Page - Texas Instruments TPD2S017 Datasheet HTML 8Page - Texas Instruments TPD2S017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-5
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
20
40
60
80
100
120
140
160
180
200
Time (nS)
TPD2S017
www.ti.com .......................................................................................................................................................................................... SLLS949 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 4. IEC Clamping Waveforms
8 kV Contact, 1 GHz Bandwidth
Figure 5. IEC Clamping Waveforms
–8 kV Contact, 1 GHz Bandwidth
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD2S017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com