Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6920D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6920D
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920D Datasheet(HTML) 1 Page - STMicroelectronics

  L6920D Datasheet HTML 1Page - STMicroelectronics L6920D Datasheet HTML 2Page - STMicroelectronics L6920D Datasheet HTML 3Page - STMicroelectronics L6920D Datasheet HTML 4Page - STMicroelectronics L6920D Datasheet HTML 5Page - STMicroelectronics L6920D Datasheet HTML 6Page - STMicroelectronics L6920D Datasheet HTML 7Page - STMicroelectronics L6920D Datasheet HTML 8Page - STMicroelectronics L6920D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L6920
February 2005
1
Features
0.6 TO 5.5V OPERATING INPUT VOLTAGE
1V START UP INPUT VOLTAGE
INTERNAL SYNCHRONOUS RECTIFIER
ZERO SHUT DOWN CURRENT
3.3V AND 5V FIXED OR ADJUSTABLE
OUTPUT VOLTAGE (2V UP TO 5.2V)
120m
Ω INTERNAL ACTIVE SWITCH
LOW BATTERY VOLTAGE DETECTION
REVERSE BATTERY PROTECTION
1.1 Applications
ONE TO THREE CELL BATTERY DEVICES
PDA AND HAND HELD INSTRUMENTS
CELLULAR PHONES - DIGITAL CORDLESS
PHONE
PAGERS
GPS
DIGITAL CAMERAS
2
Description
The L6920 is a high efficiency step-up controller re-
quiring only three external components to realize the
conversion from the battery voltage to the selected
output voltage.
The start up is guaranteed at 1V and the device is op-
erating down to 0.6V.
Internal synchronous rectifier is implemented with a
120m
Ω P-channel MOSFET and, in order to improve
the efficiency, a variable frequency control is imple-
mented.
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Figure 1. Application Circuit
L1
LX
8
OUT
1
FB
3
6
LBO
GND
SHDN
7
5
LBI
2
REF
4
VCC
VOUT
2.5V
3.3V
500mA
L6920D
C2
C3
C1
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6920D
TSSOP8 Tube
L6920DTR
Tape & Reel
TSSOP8
Rev. 2


Similar Part No. - L6920D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920D STMICROELECTRONICS-L6920D Datasheet
238Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Rev. 2
L6920DB STMICROELECTRONICS-L6920DB Datasheet
399Kb / 16P
Synchronous rectifier step up converter
30-Oct-2006
L6920DBTR STMICROELECTRONICS-L6920DBTR Datasheet
399Kb / 16P
Synchronous rectifier step up converter
30-Oct-2006
L6920DC STMICROELECTRONICS-L6920DC Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
L6920DCTR STMICROELECTRONICS-L6920DCTR Datasheet
398Kb / 16P
Synchronous rectifier step up converter
29-Jun-2006
More results

Similar Description - L6920D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
Rev. 2
logo
Maxim Integrated Produc...
MAX1642 MAXIM-MAX1642 Datasheet
130Kb / 12P
High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
19-1183; Rev 0; 6/97
logo
List of Unclassifed Man...
SS6610 ETC1-SS6610 Datasheet
548Kb / 16P
High Efficiency Syncronous Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Eorex Corporation
EP4001 EOREX-EP4001 Datasheet
343Kb / 10P
High Efficiency, Step-Up Converter with EXT
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com