Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3P4 Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 3P4
Description  Miniature Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

3P4 Datasheet(HTML) 6 Page - Grayhill, Inc

  3P4 Datasheet HTML 1Page - Grayhill, Inc 3P4 Datasheet HTML 2Page - Grayhill, Inc 3P4 Datasheet HTML 3Page - Grayhill, Inc 3P4 Datasheet HTML 4Page - Grayhill, Inc 3P4 Datasheet HTML 5Page - Grayhill, Inc 3P4 Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPeCIFICATIoNS
RATINGS
ContactRating:Qoption-5Awithresistive
load@125VACor28VDC;2Awithresistive
load@250VAC.Roption-0.4VAmax@20
Vmax(ACorDC)
electricalLife:40,000make-and-breakcycles
atfullload
oRDeRINGINFoRMATIoN
AvailablefromyourlocalGrayhillComponentDistributor.Forpricesanddiscounts,contactalocalSalesoffice,anauthorizedlocalDistributor
orGrayhill.
HARDWARe Ininches(andmillimeters)
LoCkINGRINGS
LoCkWASHeRS
Series 34A (Std)
DressNut
ForActuatoroptions7,8(Std)
knurledNut(Sealed)
Series 34A (Std)
NUTS
ContactResistance:10milliohmsmax.initial
@2-4VDC,100mAforbothgold&silver
contacts
InsulationResistance:1,000megaohms
minimum
DielecticStrength:1,000VRMS@sealevel
operatingTemperature:-30°Cto85°C
ULRecognition:Filenumberise35289
MATeRIALS
Case:Diallylphthalate(DAP)(UL94V-0)
ToggleHandle:Brass,chrome-plated
Bushing:Brass,nickle-plated
Housing:Stainlesssteel
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
HDW2
HDW3
HDW4
HDW5
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
ForActuatoroptions7,8
(
)
(
)
(
)
(
)
Series 34A (Std)
ForActuatoroptions7,8
HDW15
HDW17
HDW11
HDW12
Series 34A: Miniature Toggle Switches
Series 34A Miniature Toggle Switch
Model: SPDT: SP1, SP2, SP3, SP4, SP5,
DPDT: DP1, DP2, DP3, DP4, DP5
3PDT: 3P1, 3P2, 3P3, 3P4, 3P5
4PDT: 4P1, 4P2, 4P3, 4P4, 4P5
(See Model options)
Actuator Options: 1, 2, 3, 4, 5, 6, 7, 8, 9, L, N
(See Actuator options.)
Bushing Options: B1, B2, B3, B4, B5, B6, B7, B8, B9, T1, T2, T5, T6
(See Bushing options.)
34ASP12B4M2RT
Termination Options: M1, M2, M3, M6, M7, V2, V3, W1, W2, W3 , W4
Contact: R: Copper alloy, gold plate over nickel plate
Q: Copper alloy, silver plated
G: Copper alloy, gold plate over silver plate
RoHS Compliant
(See Termination options.)
Toggle
9
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com