Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2124E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2124E
Description  2441.8 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2124E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2124E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2124E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2124E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2124E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2124E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2013 by RF Monolithics, Inc.
SF2124E - 12/12/13
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1
2441.8
MHz
Insertion Loss, 2400.0 to 2483.5 MHz
IL
2.1
3.2
dB
Amplitude Ripple, 2400.0 to 2483.5 MHz
0.9
3.0
dBP-P
Attenuation, referenced to 0 dB
DC to 1700 MHz
20.0
29.0
dB
1700 to 2200 MHz
25.0
30.0
2700 to 3100 MHz
30.0
40.0
3100 to 4000 MHz
20.0
29.0
4000 to 5000 MHz
10.0
20.0
VSWR, 2400 to 2483.5 MHz
1.7
2.6
Source Impedance
ZS
50
Ω
Load Impedance
ZL
50
Ω
Single-Ended Input / Output Impedance Match
No matching network required for operation at 50 ohms
Case Style
SM3030-6 3 x 3 mm Nominal Footprint
Lid Symbolization, Y=year, WW=week, S=shift
646 YWWS
Pin #
Description
Pin #
Description
1
Ground
4
Ground
2
Input
5
Output
3
Ground
6
Ground
SM3030-6
• Designed for RF Front-end Applications
• Low Insertion Loss
• 3.0 x 3.0 x 1.3 mm Surface-mount Case
• No Matching Circuit Required
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+20
dBm
DC Voltage on any Non-ground Terminal
0
Volts
Operating Temperture Range
-40 to +85
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260°C for 30 s
2441.8 MHz
SAW Filter
SF2124E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50 Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering parts."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2124E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2124E RFM-SF2124E Datasheet
918Kb / 5P
2441.8 MHz SAW Filter
More results

Similar Description - SF2124E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855916 TRIQUINT-855916 Datasheet
493Kb / 5P
2441.8 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223A TAI-SAW-TA0223A Datasheet
544Kb / 8P
SAW Filter 2441.8 MHz for Bluetooth
TA0532A TAI-SAW-TA0532A Datasheet
412Kb / 6P
SAW Filter 2441.8 MHz SMD 3X3 mm
logo
RF Monolithics, Inc
SF2124E RFM-SF2124E Datasheet
918Kb / 5P
2441.8 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF2442BA02648S SPECTRUM-SF2442BA02648S Datasheet
262Kb / 3P
2441.8 MHz SAW Filter 120.5 MHz Bandwidth
logo
API Technologies Corp
SF2442BA02648S APITECH-SF2442BA02648S Datasheet
262Kb / 3P
2441.8 MHz SAW Filter 120.5 MHz Bandwidth
logo
TriQuint Semiconductor
855916 TRIQUINT-855916_15 Datasheet
363Kb / 6P
2441.8 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0223B TAI-SAW-TA0223B Datasheet
412Kb / 9P
SAW Filter 2441.8 MHz for Bluetooth
TA0223C TAI-SAW-TA0223C Datasheet
259Kb / 8P
SAW Filter 2441.8 MHz for Bluetooth
TA0223D TAI-SAW-TA0223D Datasheet
222Kb / 7P
SAW Filter 2441.8 MHz 83.5MHz SMD 3.0X3.0 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com