Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMB-6908T Datasheet(PDF) 2 Page - AAEON Technology

Part # EMB-6908T
Description  Embedded Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EMB-6908T Datasheet(HTML) 2 Page - AAEON Technology

  EMB-6908T Datasheet HTML 1Page - AAEON Technology EMB-6908T Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-22
Dimension
Unit: mm
Ordering Information
TF-PER-R16P-A10
•
Riser Card, PCI + PCI-E [x4]
TF-PER-C10L-A10
•
Mini PCI 10/100Base-TX Ethernet Module with Realtek 8100C
TF-PER-C10L-A10-01
•
Mini PCI Gigabit Ethernet Module with Realtek 8110S
TF-PER-C10L-A10-02
•
Mini PCI 10/100Base-TX Ethernet Module with Intel® 82551QM
TF-PER-C10L-A10-03
•
Mini PCI Gigabit Ethernet Module with Intel® 82541GI
TF-PER-C20S-A10
•
Mini PCI 2-port SATA Module Rev. A1.0
TF-PER-C30F-A10
•
Mini PCI 3-port IEEE 1394a Module
TF-PER-C40C-A10
•
Mini PCI 2-port RS-232 Module Rev. A1.0
TF-PER-C40C-A10-01
•
Mini PCI 4-port RS-232 Module Rev. A1.0
TF-PER-1110-A10
•
Riser Card for PCI, 2-slot
TF-PER-C102
•
PCI-Express Dual Ethernet Board
TF-PER-K000
•
Cable Kit for EMB-6908T
1759269080
•
CPU Cooler, 60 x 60 x 25.4 mm
Note
•
TF-EMB-6908T-A13 is without VGA memory and A13-01 is with VGA memory; A13-02 is bulk pack without VGA memory and A13-03 is bulk pack with memory
Optional Accessories
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
Temp.
TF-EMB-6908T-A13
Socket
DIMM
Fan
VGA/LVDS/DVI-I
SATA2 x 4,
EIDE x 1
24-bit Dual-channel GbE x 2
10
6
0
PCI-E [x1] x 1, Mini PCI x 1, PCI x 1
ATX
0°C ~ 60°C
TF-EMB-6908T-A13-01
Socket
DIMM
Fan
VGA/LVDS/DVI-I
SATA2 x 4,
EIDE x 1
24-bit Dual-channel GbE x 2
10
6
0
PCI-E [x1] x 1, Mini PCI x 1, PCI x 1
ATX
0°C ~ 60°C
TF-EMB-6908T-A13-02 (Bulk) Socket
DIMM
Fan
VGA/LVDS/DVI-I
SATA2 x 4,
EIDE x 1
24-bit Dual-channel GbE x 2
10
6
0
PCI-E [x1] x 1, Mini PCI x 1, PCI x 1
ATX
0°C ~ 60°C
TF-EMB-6908T-A13-03 (Bulk) Socket
DIMM
Fan
VGA/LVDS/DVI-I
SATA2 x 4,
EIDE x 1
24-bit Dual-channel GbE x 2
10
6
0
PCI-E [x1] x 1, Mini PCI x 1, PCI x 1
ATX
0°C ~ 60°C
EMB-6908T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com