Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81710NIP0F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC81710NIP0F
Description  DIP 4pin High CMR, Low Input Current Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81710NIP0F Datasheet(HTML) 3 Page - Sharp Corporation

  PC81710NIP0F Datasheet HTML 1Page - Sharp Corporation PC81710NIP0F Datasheet HTML 2Page - Sharp Corporation PC81710NIP0F Datasheet HTML 3Page - Sharp Corporation PC81710NIP0F Datasheet HTML 4Page - Sharp Corporation PC81710NIP0F Datasheet HTML 5Page - Sharp Corporation PC81710NIP0F Datasheet HTML 6Page - Sharp Corporation PC81710NIP0F Datasheet HTML 7Page - Sharp Corporation PC81710NIP0F Datasheet HTML 8Page - Sharp Corporation PC81710NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Date code (2 digit)
Rank mark
Refer to the Model Line-up table
A.D.
1990
1991
1992
1993
1994
1995
1996
1997
1998
1999
2000
2001
Mark
A
B
C
D
E
F
H
J
K
L
M
N
Mark
P
R
S
T
U
V
W
X
A
B
C
Mark
1
2
3
4
5
6
7
8
9
O
N
D
Month
January
February
March
April
May
June
July
August
September
October
November
December
A.D
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
··
·
··
·
2nd digit
Month of production
1st digit
Year of production
Factory identification mark
Factory identification Mark
no mark
Country of origin
Japan
Indonesia
China
* This factory making is for identification purpose only.
Please contact the local SHARP sales representative to see
the actual status of the production.
3
repeats in a 20 year cycle
Sheet No.: D2-A03302EN
PC8171xNSZ0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com