Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA13845N Datasheet(PDF) 5 Page - Fuji Electric

Part # FA13845N
Description  CMOS IC(For Switching Power Supply Control)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA13845N Datasheet(HTML) 5 Page - Fuji Electric

  FA13845N Datasheet HTML 1Page - Fuji Electric FA13845N Datasheet HTML 2Page - Fuji Electric FA13845N Datasheet HTML 3Page - Fuji Electric FA13845N Datasheet HTML 4Page - Fuji Electric FA13845N Datasheet HTML 5Page - Fuji Electric FA13845N Datasheet HTML 6Page - Fuji Electric FA13845N Datasheet HTML 7Page - Fuji Electric FA13845N Datasheet HTML 8Page - Fuji Electric FA13845N Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FA13842, 13843, 13844, 13845
5
s Characteristic curves (Ta=25˚C)
Timing resistance vs. oscillation frequency
Output dead time vs. oscillation frequency
FA13842, FA13843
FA13842, FA13843
Timing resistance vs. oscillation frequency
Output dead time vs. oscillation frequency
FA13844, FA13845
FA13844, FA13845
RT/CT discharge current vs. temperature
Output max. duty cycle vs. timing resistance
FA13842, FA13843
1
10
100
1000
10
1
100
VCC= 15V
Ta= 25˚C
CT=10nF
2.2nF
470pF
Oscillation frequency (kHz)
10
100
1000
10
1
100
VCC= 15V
Ta= 25˚C
CT=10nF
2.2nF
470pF
Oscillation frequency (kHz)
VCC= 15V
Ta= 25˚C
CT=10nF
2.2nF
470pF
10
1
100
1000
10
1
100
Oscillation frequency (kHz)
VCC= 15V
Ta= 25˚C
CT=10nF
2.2nF
470pF
10
100
1000
70
40
50
60
80
90
100
Oscillation frequency (kHz)
–50
0
50
100
150
Temperature (˚C)
7
7.5
8
8.5
9
9.5
10
1
10
25
RT timing resistance (k
Ω)
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com