Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5301 Datasheet(PDF) 4 Page - Fuji Electric

Part # FA5301
Description  Bipolar IC For Switching Power Supply Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5301 Datasheet(HTML) 4 Page - Fuji Electric

  FA5301 Datasheet HTML 1Page - Fuji Electric FA5301 Datasheet HTML 2Page - Fuji Electric FA5301 Datasheet HTML 3Page - Fuji Electric FA5301 Datasheet HTML 4Page - Fuji Electric FA5301 Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FA5301BP(N)
4
s Characteristic curves (Ta = 25
°C)
Oscillation frequency (fOSC) vs. timing
Output duty cycle vs. DT terminal voltage (VDT)
resistor resistance (RT)
1
710
20
50
RT
[k
Ω]
100
200
500
2200pF
1500pF
1000pF
680pF
470pF
CT=100pF
10
5
100
50
1000
500
Output duty cycle vs. FB terminal voltage (VFB)
L-level output voltage vs. output sink current (ISINK)
Supply current (ICC) vs. supply voltage (VCC)
Error amplifier frequency (f) vs.voltage gain(Av)/ phase (
θ)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com