Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5331PM Datasheet(PDF) 1 Page - Fuji Electric

Part # FA5331PM
Description  Bipolar IC For Power Factor Correction
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5331PM Datasheet(HTML) 1 Page - Fuji Electric

  FA5331PM Datasheet HTML 1Page - Fuji Electric FA5331PM Datasheet HTML 2Page - Fuji Electric FA5331PM Datasheet HTML 3Page - Fuji Electric FA5331PM Datasheet HTML 4Page - Fuji Electric FA5331PM Datasheet HTML 5Page - Fuji Electric FA5331PM Datasheet HTML 6Page - Fuji Electric FA5331PM Datasheet HTML 7Page - Fuji Electric FA5331PM Datasheet HTML 8Page - Fuji Electric FA5331PM Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FA5331P(M)/FA5332P(M)
1
s Description
FA5331P(M) and FA5332P(M) are control ICs for a power
factor correction system. These ICs use the average current
control system to ensure stable operation. With this system, a
power factor of 99% or better can be achieved.
FA5331P(M) is a 1st generation IC and FA5332P(M) is 2nd
generation IC which light-load characteristics are improved.
s Features
• Drive circuit for connecting a power MOS-FET(Io=
±1.5A)
• Pulse-by-pulse overcurrent and overvoltage limiting function
• Output ON/OFF control function by external signals
• External synchronizing signal terminal for synchronous
operation with other circuits
• Undervoltage malfunction prevention function
• Low standby current (90
µA typical) for simple start-up circuit
• 16-pin package (DIP/SOP)
•
±2% accuracy reference voltage for setting DC output and
overvoltage protection [FA5332P(M) only]
• When there is a possibility of light-load operation,
FA5332P(M) is suitable.
s Block diagram
FA5331P(M)/FA5332P(M)
s Dimensions, mm
SOP-16
1
10.06
8
9
16
0.7
1.27±0.2
0.40±0.1
DIP-16
FA5331P
1
16
9
8
19.4
7.6
1.5
0.81
0~15˚
0~15˚
0.5±0.1
2.54±0.25
0.3
+0.1
–0.05
Bipolar IC
For Power Factor Correction
FA5332P
1
16
9
8
19.2
7.62
1.3
0.71
0~15˚
0~15˚
0.48±0.1
2.54±0.25
0.25
+0.1
–0.05
Pin
Pin
Description
No.
symbol
1
IFB
Current error amplifier output
2
IIN–
Inverting input to current error amplifier
3
VDET
Multiplier input
4
OVP
Overvoltage protection input
5
VFB
Voltage error amplifier output
6
VIN–
Inverting input to voltage error amplifier
7
GND
Ground
8
OUT
Output
9
VC
Power supply to output circuit
10
VCC
Power supply
11
CS
Soft-start
12
ON/OFF
Output ON/OFF control input
13
REF
Reference voltage
14
SYNC
Oscillator synchronization input
15
CT
Oscillator timing capacitor and resistor
16
IDET
Non-inverting input to current error amplifier


Similar Part No. - FA5331PM

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5331PM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
Power Factor Correction Controller IC
logo
Cirrus Logic
CS1500 CIRRUS-CS1500 Datasheet
842Kb / 22P
Digital Power Factor Correction IC
CS1500 CIRRUS-CS1500_1 Datasheet
1Mb / 22P
Digital Power Factor Correction IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
Power Factor Correction Controller IC
logo
Princeton Technology Co...
PT5634 PTC-PT5634 Datasheet
373Kb / 4P
Power Factor Correction Control IC
PT5634A PTC-PT5634A Datasheet
356Kb / 4P
Power Factor Correction Control IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
Power Factor Correction Controller IC
15.Jul.2022 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com