Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3475 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3475
Description  Hysteretic PFET Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3475 Datasheet HTML 9Page - Texas Instruments LM3475 Datasheet HTML 10Page - Texas Instruments LM3475 Datasheet HTML 11Page - Texas Instruments LM3475 Datasheet HTML 12Page - Texas Instruments LM3475 Datasheet HTML 13Page - Texas Instruments LM3475 Datasheet HTML 14Page - Texas Instruments LM3475 Datasheet HTML 15Page - Texas Instruments LM3475 Datasheet HTML 16Page - Texas Instruments LM3475 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VOUT = 2.5V/2A
CIN
COUT
RFB1
RFB2
L1
D1
Q1
10 PF
100 PF
10 PH
1k
2.15k
Si2343
LM3475
VIN
EN
GND
PGATE
FB
1
2
3
4
5
CFF
1 nF
VIN = 5V
5
PGATE
RPGATE
3.3:
D1
CSNUB
RSNUB
L1
Q1
LM3475
www.ti.com
SNVS239A – OCTOBER 2004 – REVISED JANUARY 2005
MOSFETs are very fast switching devices. The fast increase in PFET current coupled with parasitic trace
inductance can create unwanted noise spikes at both the switch node and at VIN. Switching noise will increase
with load current and input voltage. This noise can also propagate through the ground plane, sometimes causing
unpredictable device performance. Slowing the rise and fall times of the PFET can be very effective in reducing
this noise. Referring to Figure 15, the PFET can be slowed down by placing a small (1
Ω-10Ω) resistor in series
with PGATE. However, this resistor will increase the switching losses in the PFET and will lower efficiency.
Therefore it should be kept as small as possible and only used when necessary. Another method to reduce
switching noise (other than good PCB layout, see Layout) is to use a small RC filter or snubber. The snubber
should be placed in parallel with the catch diode, connected close to the drain of the PFET, as shown in
Figure 15. Again, the snubber should be kept as small as possible to limit its impact on system efficiency. A
typical range is a 10
Ω-100Ω resistor and a 470pF to 2.2nF ceramic capacitor.
Figure 15. PGATE Resistor and Snubber
Layout
PC board layout is very important in all switching regulator designs. Poor layout can cause EMI problems, excess
switching noise and poor operation.
As shown in Figure 17 and Figure 18, place the ground of the input capacitor as close as possible to the anode
of the diode. This path also carries a large AC current. The switch node, the node connecting the diode cathode,
inductor, and PFET drain, should be kept as small as possible. This node is one of the main sources for radiated
EMI.
The feedback pin is a high impedance node and is therefore sensitive to noise. Be sure to keep all feedback
traces away from the inductor and the switch node, which are sources of noise. Also, the resistor divider should
be placed close to the FB pin. The gate pin of the external PFET should be located close to the PGATE pin.
Using a large, continuous ground plane is also recommended, particularly in higher current applications.
Figure 16.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com