Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3551 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3551
Description  1A White LED Driver with Flash Timeout Protection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3551 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3551 Datasheet HTML 9Page - Texas Instruments LM3551 Datasheet HTML 10Page - Texas Instruments LM3551 Datasheet HTML 11Page - Texas Instruments LM3551 Datasheet HTML 12Page - Texas Instruments LM3551 Datasheet HTML 13Page - Texas Instruments LM3551 Datasheet HTML 14Page - Texas Instruments LM3551 Datasheet HTML 15Page - Texas Instruments LM3551 Datasheet HTML 16Page - Texas Instruments LM3551 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
(in Hz)
RHPzero =
VOUT(D')
2
2S,LOADL
m1 #
VINRDSON
L
(in V/s)
n = 1+
2mc
m1
(no unit)
Leff =
L
(D')
2
Z
c
(in rad/s)
2fs
nD'
#
ADC(DB) = 20log10
{[(ZcLeff)// RL]//RL} (in dB)
RFB1 + RFB2
RFB2
(
)
gmROD'
RDSON
LM3551, LM3552
www.ti.com
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
COMPENSATION
DC Gain and Open-Loop Gain
Since the control stage of the converter forms a complete feedback loop with the power components, it forms a
closed-loop system that must be stabilized to avoid positive feedback and instability. A value for open-loop DC
gain will be required, from which you can calculate, or place, poles and zeros to determine the crossover
frequency and the phase margin. A high phase margin (greater than 45°) is desired for the best stability and
transient response. For the purpose of stabilizing the LM3551/2, choosing a crossover point well below where the
right half plane zero is located will ensure sufficient phase margin.
To ensure a bandwidth of ½ or less of the frequency of the RHP zero, calculate the open-loop DC gain, ADC.
After this value is known, you can calculate the crossover visually by placing a
−20dB/decade slope at each pole,
and a +20dB/decade slope for each zero. The point at which the gain plot crosses unity gain, or 0dB, is the
crossover frequency. If the crossover frequency is less than ½ the RHP zero, the phase margin should be high
enough for stability. The equation for ADC is given below with additional equations required for the calculation:
(12)
(13)
(14)
(15)
mc
≊ 0.072 × fs (in V/s)
(16)
(17)
where RL is the minimum load resistance, fs is the switching frequency, VIN is the minimum input voltage, gm is
the error amplifier transconductance and RDSON-S is the power switch on-resistance. The value for gm and RDSON-S
are found in the Electrical Characteristics table.
Right Half Plane Zero
A current mode control boost regulator has an inherent right half plane zero (RHP zero). This zero has the effect
of a zero in the gain plot, causing an imposed +20dB/decade on the rolloff, but has the effect of a pole in the
phase, subtracting another 90° in the phase plot. This can cause undesirable effects if the control loop is
influenced by this zero. To ensure the RHP zero does not cause instability issues, the control loop should be
designed to have a bandwidth of less than ½ the frequency of the RHP zero. This zero occurs at a frequency of:
(18)
where ILOAD is the maximum load current.
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3551 LM3552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com