Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7622CP Datasheet(PDF) 5 Page - Fuji Electric

Part # FA7622CP
Description  Bipolar IC For Switching Power Supply Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7622CP Datasheet(HTML) 5 Page - Fuji Electric

  FA7622CP Datasheet HTML 1Page - Fuji Electric FA7622CP Datasheet HTML 2Page - Fuji Electric FA7622CP Datasheet HTML 3Page - Fuji Electric FA7622CP Datasheet HTML 4Page - Fuji Electric FA7622CP Datasheet HTML 5Page - Fuji Electric FA7622CP Datasheet HTML 6Page - Fuji Electric FA7622CP Datasheet HTML 7Page - Fuji Electric FA7622CP Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FA7622CP(E)
5
• Inverting chopper circuit
According to the circuit shown in Fig. 5, the power output
voltage VOUTB can be determined as follows:
VOUTB = –
R11
R10
(5)
..............................
• VREF
The AV between the VOUTB and FB2 pins can be determined
as follows:
AV
–R11
R12
(6)
.................................................
To correct the phase, connect the resistor R13 and capacitor
C3 in series between the IN2– and FB2 pins.
By using this circuit, invert the output polarity of OUT2 with an
external transistor to drive a P-channel MOSFET (or PNP
transistor).
3. PWM comparator section
As Fig. 6 shows, a PWM comparator has three input
terminals. PWM comparator 1 determines the duty cycle of
the output from the OUT1 pin. This comparator compares the
CT oscillator Voltage (Pin 1) with the FB1 voltage (Pin 17) or
the DT1 voltage (Pin 16), whichever is greater. When the
highest of these voltages is lower than the CT voltage, the
PWM output is high. When it is higher than CT, the PWM
output is low.
PWM comparator 2 determines the duty cycle of the output
from the OUT2 pin. To determine the PWM output, this
comparator compares the CT oscillator voltage (Pin 1) with the
FB2 voltage (Pin 6) or the DT2 voltage (Pin 7) whichever is
higher.
During ordinary operation, the OUT1 and OUT2 pin voltages
have the same polarity as the output from each comparator.
When the power supply is turned on, the pulse width
gradually increases. The time constant for soft-start is
determined by the external resistor and capacitor across pins
16 and 7. In Figures 7 and 8, the time ts required for the pulse
width (duty-cycle) to reach about 30% after start-up can be
determined as follows:
(Units:
µF for Cs and kΩ for Rs, Rs1, and Rs2)
Fig. 5
Fig. 8
Fig. 6
C3
Q3
FB2
R10
R9
REF
R11
R12
R13
IN2
IN2
ER.AMP2
VCC1
+
-
V OUTB (Controlled by Q3)
10
20
6
5
4
OUT2
PWM output
FB1(FB2)
DT1(DT2)
Time
CT
PWM output
PWM1
(PWM2)
DT1(DT2)
FB1(FB2)
CT
Fig. 7
DT1(DT2)
20
1
FB1(FB2)
CS
CT
RS
REF
PWM output
PWM1
(PWM2)
20
1
DT1(DT2)
FB1(FB2)
CS
CT
RS2
REF
PWM output
PWM1
(PWM2)
RS1
Fig.8:
tS (mS) = CS
• ln
RS1
0.417RS1 – 0.583 RS2
(7)
.................................
Fig.7:
tS (mS) = 0.54CS • RS
Where, RS1
/ RS2 > 0.716
(8)
……
RS1 • RS2
RS1
RS2
Please connect enough large capacitance between REF and
GND pins in order to prevent irregular output pulse caused by
minus voltage at DT1 or DT2 pin when IC is shut down.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com