Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5030 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5030
Description  100V Push-Pull Current Mode PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5030 Datasheet(HTML) 3 Page - Texas Instruments

  LM5030 Datasheet HTML 1Page - Texas Instruments LM5030 Datasheet HTML 2Page - Texas Instruments LM5030 Datasheet HTML 3Page - Texas Instruments LM5030 Datasheet HTML 4Page - Texas Instruments LM5030 Datasheet HTML 5Page - Texas Instruments LM5030 Datasheet HTML 6Page - Texas Instruments LM5030 Datasheet HTML 7Page - Texas Instruments LM5030 Datasheet HTML 8Page - Texas Instruments LM5030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM5030
www.ti.com
SNVS215B – MAY 2004 – REVISED MARCH 2005
PIN DESCRIPTION
Pin Name
Pin
Description
Application Information
Number
VIN
1
Source Input Voltage
Input to start-up regulator. Input range 14 to 100 Volts.
VFB
2
Inverting input to the error amplifier
The non-inverting input is internally connected to a 1.25 Volt reference.
COMP
3
Output to the error amplifier
There is an internal 5K resistor pull-up on this pin. The error amplifier
provides an active sink.
Vcc
4
Output from the internal high voltage
If an auxiliary winding raises the voltage on this pin above the
series pass regulator. The regulation
regulation setpoint the internal series pass regulator will shutdown,
setpoint is 7.7 Volts.
reducing the IC power dissipation.
OUT1
5
Output of the PWM controller
Alternating PWM output gate driver.
OUT2
6
Output of the PWM controller
Alternating PWM output gate driver.
GND
7
Return
Ground
CS
8
Current sense input
Current sense input for current mode control and current limit sensing.
Using separate dedicated comparators, if CS exceeds 0.5 Volt the
outputs will go into Cycle by Cycle current limit. If CS exceeds 0.625V
the outputs will be disabled and a softstart commenced.
RT
9
Oscillator timing resistor pin and
An external resistor sets the oscillator frequency. This pin will also
synchronization input.
accept synchronization pulses from an external oscillator.
SS
10
Dual purpose Softstart and Shutdown
A 10µA current source and an external capacitor set the softstart timing
pin
length. The controller will enter a low power state if the SS pin is pulled
below the typical shutdown threshold of 0.45V.
WSON
SUB
Die Substrtae
The exposed die attach pad on the WSON package should be
DAP
connected to a PCB thermal pad at ground potential. For additional
information on using TI's No Pull Back WSON package, please refer to
WSON Application Note AN-1187.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com