Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF212 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFF212
Description  RELD EFFECT POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFF212 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFF212 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFF212 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRFF212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRFF210 IRF-IRFF210 Datasheet
130Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF210 SEME-LAB-IRFF210 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
More results

Similar Description - IRFF212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
Power Field Effect Transistor
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
POWER FIELD EFFECT TRANSISTOR
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
POWER FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
VN34AK NJSEMI-VN34AK Datasheet
111Kb / 2P
HELD EFFECT POWER TRANSISTOR
MTM20P10 NJSEMI-MTM20P10 Datasheet
87Kb / 2P
Power Field Effect Transistor
MTH8N90 NJSEMI-MTH8N90 Datasheet
89Kb / 2P
Power Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com