Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF330 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF330
Description  N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF330 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF330 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF330 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF330 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRF330

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF330 SAMSUNG-IRF330 Datasheet
208Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF330 FAIRCHILD-IRF330 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
Intersil Corporation
IRF330 INTERSIL-IRF330 Datasheet
58Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRF330 IRF-IRF330 Datasheet
146Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=1.00ohm, Id=5.5A)
logo
Seme LAB
IRF330 SEME-LAB-IRF330 Datasheet
96Kb / 3P
N-CHANNEL POWER MOSFET
More results

Similar Description - IRF330

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
IRF320-323 FAIRCHILD-IRF320-323 Datasheet
164Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 350-400 V
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF420-423 FAIRCHILD-IRF420-423 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
IRF510-513 FAIRCHILD-IRF510-513 Datasheet
151Kb / 5P
N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
New Jersey Semi-Conduct...
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
N-Channel Power MOSFETs, 2.25 A, 350-400 V
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
MTM4N45 NJSEMI-MTM4N45 Datasheet
122Kb / 3P
N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
N-Channel Power MOSFETs 30 A,150 V/200 V
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
350 V, 20 A N-Channel Ignition IGBT
4/27/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com