Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN
Description  NPN HIGH POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN Datasheet HTML 1Page - Microsemi Corporation JAN Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN HIGH POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/371
Devices
Qualified Level
2N3902
2N5157
JAN
JANTX
MAXIMUM RATINGS
Ratings
Symbol
2N3902
2N5157
Unit
Collector-Emitter Voltage
VCEO
400
500
Vdc
Emitter-Base Voltage
VEBO
5.0
6.0
Vdc
Collector-Base Voltage
VCBO
700
Vdc
Base Current
IB
2.0
Adc
Collector Current
IC
3.5
Adc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +75
0C (2)
PT
5.0
100
W
W
Operating & Storage Temperature Range
Tj, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
1.25
0C/W
1) Derate linearly 29 mW/
0C for TA > +250C
2) Derate linearly 0.8 W/
0C for TC > +750C
TO-3 (TO-204AA)*
*See Appendix A for Package
Outline
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Cutoff Current
VCE = 325 Vdc
2N3902
VCE = 400 Vdc
2N5157
ICEO
250
250
µAdc
Collector-Emitter Cutoff Current
VBE = 1.5 Vdc; VCE = 700 Vdc
ICEX
500
µAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
2N3902
VEB = 6.0 Vdc
2N5157
IEBO
200
200
µAdc
ON CHARACTERISTICS
(3)
Base-Emitter Saturation Voltage
IC = 1.0 Adc; IB = 0.1 Adc
IC = 3.5 Adc; IB = 0.7 Adc
VBE(sat)
1.5
2.0
Vdc
Collector-Emitter Saturation Voltage
IC = 1.0 Adc; IB = 0.1 Adc
IC = 3.5 Adc; IB = 0.7 Adc
VCE(sat)
0.8
2.5
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JAN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
JAN-03 VISHAY-JAN-03 Datasheet
102Kb / 5P
Basic Definitions
07-Jan-03
logo
Microsemi Corporation
JAN109T MICROSEMI-JAN109T Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
JAN109T MICROSEMI-JAN109T Datasheet
50Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Micro Electronics
JAN117K MICRO-ELECTRONICS-JAN117K Datasheet
263Kb / 8P
1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
JAN117K MICROSEMI-JAN117K Datasheet
214Kb / 8P
1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - JAN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771 Datasheet
64Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Jun-1997
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com