Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D40N Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # D40N
Description  Silicon Power lan iransistors High Voltage Video Output Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

D40N Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  D40N Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - D40N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D40NF STMICROELECTRONICS-D40NF Datasheet
47Kb / 6P
N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
20-Jan-2000
D40NF03L STMICROELECTRONICS-D40NF03L Datasheet
359Kb / 13P
N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
February 2007
D40NF3LL STMICROELECTRONICS-D40NF3LL Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
More results

Similar Description - D40N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE124 NTE-NTE124 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Power Output
NTE154 NTE-NTE154 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Video Output
NTE227 NTE-NTE227 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp, Video Output
NTE228A NTE-NTE228A Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Amp, Video Output
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Voltage for Video Output
NTE2507 NTE-NTE2507 Datasheet
18Kb / 1P
Silicon NPN Transistor High Frequency Video Output
NTE2521 NTE-NTE2521 Datasheet
21Kb / 2P
Silicon NPN Transistor Video Output for HDTV
logo
Siemens Semiconductor G...
BFN20 SIEMENS-BFN20 Datasheet
128Kb / 4P
NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Unisonic Technologies
2SC3468 UTC-2SC3468_15 Datasheet
332Kb / 5P
HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com