Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ5706 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SZ5706
Description  5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ5706 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SZ5706 Datasheet HTML 1Page - Solid States Devices, Inc SZ5706 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1)
All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured
value due to heating effects.
2)
Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current.
3)
Ratings based on maximum zener voltage of individual units (leaded units).
4)
Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value shown.
5)
SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels.
6)
Suffix “SM” for surface mount Round Tab. “SMS” for Square Tab.
7)
Screening based on MIL-PRF-19500. Screening flows available on request.
8)
For optional high reliability screening or higher nominal zener voltages, consult SSDI MARKETING Department.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SZ5706 thru SZ5890
And
SZ5110 thru SZ5227
Electrical Characteristics (Table II)
ELECTRICAL SPECIFICATIONS @ 25°C
MAXIMUM RATINGS
PART
NUMBER
(note 6)
Nominal
Zener
Voltage
(note 1)
Zener
Test
Current
Maximum
Zener
Impedance
(note 2)
Maximum Reverse
Leakage Current
Typical
Temperature
Coefficient
Maximum
Continuous
(note 3)
Maximum
Surge Current
(note 4)
VOLTAGE
TOLERANCE
VZ @ IZT
IZT
ZZ @ IZT
IR @
VR
VR
TC @ IZT
IZM
IZSM
10%
5%
VOLT
mA
Ohms
µA
10%(A)
5%(B)
%/°C
mA
Amps
SZ5806
SZ5807
SZ5808
SZ5809
SZ5810
SZ5706
SZ5707
SZ5708
SZ5709
SZ5710
6.8
7.5
8.2
9.1
10
175
175
150
150
125
1.0
1.5
1.5
2.0
2.0
500
400
200
100
75
4.9
5.4
5.9
6.6
7.2
5.2
5.7
6.2
6.9
7.6
.05
.06
.06
.06
.07
675
620
570
510
470
40
32
24
22
20
SZ5812
SZ5813
SZ5814
SZ5815
SZ5816
SZ5712
SZ5713
SZ5714
SZ5715
SZ5716
12
13
14
15
16
100
100
100
75
75
2.5
3.0
3.0
3.5
3.5
50
25
20
15
10
8.6
9.3
10.1
10.8
11.5
9.1
9.9
10.6
11.4
12.2
.07
.08
.08
.08
.08
385
350
320
300
275
18
16
14
12
10
SZ5818
SZ5820
SZ5822
SZ5824
SZ5827
SZ5718
SZ5720
SZ5722
SZ5724
SZ5727
18
20
22
24
27
65
65
50
50
50
4.0
4.5
5.0
5.0
6.0
10
10
10
10
10
12.9
14.4
15.8
17.3
19.4
13.7
15.2
16.7
18.2
20.6
.085
.085
.085
.09
.09
255
220
195
180
155
9.0
8.0
7.0
6.5
6.0
SZ5830
SZ5833
SZ5836
SZ5840
SZ5845
SZ5730
SZ5733
SZ5736
SZ5740
SZ5745
30
33
36
40
45
40
40
30
30
30
8.0
10
11
14
20
10
5
5
5
5
21.6
23.7
25.9
28.8
32.4
22.8
25.1
27.4
30.4
34.2
.09
.09
.095
.095
.095
140
130
120
105
95
5.5
5.0
4.5
4.0
3.5
SZ5850
SZ5856
SZ5860
SZ5870
SZ5875
SZ5750
SZ5756
SZ5760
SZ5770
SZ5775
50
56
60
70
75
25
20
20
20
15
25
35
40
50
55
5
5
5
5
5
36.0
40.3
43.2
50.5
54.0
38.0
42.6
45.7
53.3
56.0
.095
.095
.100
.100
.100
85
80
75
65
60
3.0
2.8
2.5
2.3
2.0
SZ5880
SZ5890
SZ5210
SZ5211
SZ5212
SZ5780
SZ5790
SZ5110
SZ5111
SZ5112
80
90
100
110
120
15
15
10
10
10
80
90
100
125
170
5
5
5
5
5
57.7
64.8
72.0
79.2
86.4
60.8
68.5
76.0
83.6
91.2
.100
.100
.100
.100
.100
55
50
45
40
38
1.8
1.6
1.4
1.2
1.0
SZ5213
SZ5214
SZ5215
SZ5216
SZ5217
SZ5113
SZ5114
SZ5115
SZ5116
SZ5117
130
140
150
160
170
10
8
8
8
8
190
230
330
350
380
5
5
5
5
5
93.6
101.0
108.0
115.0
122.0
98.8
106.0
114.0
122.0
129.0
.105
.105
.105
.105
.105
35
33
31
30
27
0.80
0.80
0.75
0.70
0.65
SZ5218
SZ5219
SZ5220
SZ5222
SZ5224
SZ5118
SZ5119
SZ5120
SZ5122
SZ5124
180
190
200
220
240
5
5
5
5
5
450
470
500
550
650
5
5
5
5
5
129
137
144
158
173
137
144
152
167
182
.110
.110
.110
.115
.115
25
24
22
20
18
0.60
0.55
0.50
0.45
0.40
SZ5226
SZ5227
SZ5126
SZ5127
260
270
5
4
750
850
5
5
187
202
198
213
.120
.120
17
16
0.35
0.30
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: Z00007G
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com