Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1235 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # T1235
Description  12 A Snubberless?? logic level and standard triacs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

T1235 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  T1235 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. T1235 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. T1235 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc. T1235 Datasheet HTML 4Page - New Jersey Semi-Conductor Products, Inc. T1235 Datasheet HTML 5Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - T1235

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
Rugged construction SMD TCXO
logo
STMicroelectronics
T1235 STMICROELECTRONICS-T1235 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
66Kb / 5P
HIGH PERFORMANCE TRIAC
Jan-1998
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
logo
Tiger Electronic Co.,Lt...
T1235-600G TGS-T1235-600G Datasheet
80Kb / 1P
Triacs sensitive gate
More results

Similar Description - T1235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_07 Datasheet
138Kb / 12P
12 A Snubberless, logic level and standard triacs
28-Sep-2007
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
Entry level Snubberless™, logic level and standard 12 A TRIACs
23-Mar-2009
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
Entry level Snubberless?? logic level and standard 12 A TRIACs
23-Mar-2009
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
Snubberless, logic level and standard 12 A Triacs
18-Jan-2010
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
Snubberless™ logic level and standard 12 A Triacs
16-Sep-2013
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com