Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F00129H Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # F00129H
Description  MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00129H Datasheet(HTML) 1 Page - Solid States Devices, Inc

  F00129H Datasheet HTML 1Page - Solid States Devices, Inc F00129H Datasheet HTML 2Page - Solid States Devices, Inc F00129H Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00129H
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF80N20 ___ ___ ___
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Option 3/
__ = Straight Leads
DB = Down Bend
UB = Up Bend
Package 3/ 4/
M = TO-254
Z = TO-254Z
N = TO-258
P = TO-259
SFF80N20 Series
80 AMP , 200 Volts, 25 mΩ
Avalanche Rated N-channel
MOSFET
Features:
Rugged poly-Si gate
Lowest ON-resistance in the industry
Avalanche rated
Hermetically Sealed, Isolated Package
Low Total Gate Charge
Fast Switching
TX, TXV, S-Level screening available
Improved (RDS(ON) QG) figure of merit
Maximum Ratings5/
Symbol
Value
Units
Drain - Source Voltage
VDSS
200
V
Gate – Source Voltage
continuous
transient
VGS
±20
±30
V
Max. Continuous Drain Current (package
limited)
@ TC = 25ºC
ID1
55
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
@ TC = 175ºC
ID2
ID3
80
48
A
Max. Avalanche current
@ L= 0.1 mH
IAR
60
A
Single and Repetitive Avalanche Energy
@ L= 0.1 mH
EAS
EAR
1500
50
mJ
Total Power Dissipation
@ TC = 25ºC
PD
150
W
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Maximum Thermal Resistance
(Junction to Case)
RθJC
1.0
(typ.0.75)
ºC/W
TO-254 (M)
TO-254Z (Z)
TO-258 (N)
TO-259 (P)
NOTES:
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ For lead bending options / pinout configurations - contact factory.
4/ Maximum current limited by package configuration
5/ Unless otherwise specified, all electrical characteristics @25
oC.


Similar Part No. - F00129H

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
F00129H SSDI-F00129H_15 Datasheet
188Kb / 3P
Avalanche Rated N-channel MOSFET
More results

Similar Description - F00129H

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Sanken electric
FKP252 SANKEN-FKP252 Datasheet
343Kb / 9P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com