Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1MA151AT1 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # M1MA151AT1
Description  Single Silicon Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1MA151AT1 Datasheet(HTML) 1 Page - Microsemi Corporation

  M1MA151AT1 Datasheet HTML 1Page - Microsemi Corporation M1MA151AT1 Datasheet HTML 2Page - Microsemi Corporation M1MA151AT1 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
M1MA151AT1/D
M1MA151AT1,
M1MA152AT1
Preferred Device
Single Silicon Switching
Diodes
These Silicon Epitaxial Planar Diodes are designed for use in ultra
high speed switching applications. These devices are housed in the
SC−59 package which is designed for low power surface mount
applications.
Features
• Fast trr, < 3.0 ns
• Low CD, < 2.0 pF
• Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151AT1
M1MA152AT1
VR
40
80
Vdc
Peak Reverse Voltage
M1MA151AT1
M1MA152AT1
VRM
40
80
Vdc
Forward Current
IF
100
mAdc
Peak Forward Current
IFM
225
mAdc
Peak Forward Surge Current
IFSM
(Note 1)
500
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
− 55 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. t = 1 SEC
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
SC−59
CASE 318D
SC−59 PACKAGE SINGLE SILICON
SWITCHING DIODES 40/80 V−100 mA
SURFACE MOUNT
MARKING DIAGRAM
1
ANODE
3
2
CATHODE
1
NO CONNECTION
Mx M
G
G
Mx = Device Code
x = A for 151
B for 152
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - M1MA151AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA151AT1 MOTOROLA-M1MA151AT1 Datasheet
81Kb / 6P
SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
logo
ON Semiconductor
M1MA151AT1 ONSEMI-M1MA151AT1 Datasheet
52Kb / 8P
SINGLE SILICON SWITCHING DIODES
May, 2002 ??Rev. 6
logo
Leshan Radio Company
M1MA151AT1 LRC-M1MA151AT1 Datasheet
58Kb / 2P
Single Silicon Switching Diodes
logo
E-Tech Electronics LTD
M1MA151AT1 ETL-M1MA151AT1 Datasheet
117Kb / 2P
Single Silicon Switching Diodes
More results

Similar Description - M1MA151AT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151AT1 ONSEMI-M1MA151AT1 Datasheet
52Kb / 8P
SINGLE SILICON SWITCHING DIODES
May, 2002 ??Rev. 6
M1MA151KT1 ONSEMI-M1MA151KT1 Datasheet
83Kb / 6P
SINGLE SILICON SWITCHING DIODES
REV 3
logo
Leshan Radio Company
M1MA151AT1 LRC-M1MA151AT1 Datasheet
58Kb / 2P
Single Silicon Switching Diodes
M1MA151KT1 LRC-M1MA151KT1 Datasheet
58Kb / 2P
Single Silicon Switching Diodes
logo
Infineon Technologies A...
BAS79A INFINEON-BAS79A Datasheet
33Kb / 3P
Silicon Switching Diodes
Aug-20-2001
logo
E-Tech Electronics LTD
M1MA151AT1 ETL-M1MA151AT1 Datasheet
117Kb / 2P
Single Silicon Switching Diodes
M1MA151KT1 ETL-M1MA151KT1 Datasheet
118Kb / 2P
Single Silicon Switching Diodes
logo
ON Semiconductor
M1MA151KT1 ONSEMI-M1MA151KT1_12 Datasheet
93Kb / 3P
Single Silicon Switching Diodes
July, 2012 ??Rev. 8
M1MA151KT1G ONSEMI-M1MA151KT1G Datasheet
93Kb / 3P
Single Silicon Switching Diodes
July, 2012 ??Rev. 8
M1MA151KT2 ONSEMI-M1MA151KT2 Datasheet
93Kb / 3P
Single Silicon Switching Diodes
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com