Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV25T-R27J-PF Datasheet(PDF) 7 Page - TDK Electronics

Part # NLV25T-R27J-PF
Description  Inductors for Standard Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R27J-PF Datasheet(HTML) 7 Page - TDK Electronics

Back Button NLV25T-R27J-PF Datasheet HTML 3Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 4Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 5Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 9Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 10Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(7/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
NLV series 
NLV25 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
100
1000
0.001
1000
0.1
1
10
100
0.01
Frequency(MHz)
101J
820J
680J
470J
330J
220J
180J
560J
390J
270J
150J
120J
100J
8R2J
3R9J
3R3J
2R7J
6R8J
5R6J
4R7J
2R2J
1R8J
1R5J
1R2J
1R0J
R82J
R68J
R56J
R47J
R39J
R33J
R27J
R22J
R18J
R15J
R12J
R10J
082J
068J
047J
010J
018J
015J
012J
039J
033J
027J
022J
056J
Product No.
Manufacturer
4291A
Agilent Technologies
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com