Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97A8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MAC97A8
Description  Direct interfacing to logic level ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8 Datasheet(HTML) 3 Page - NXP Semiconductors

  MAC97A8 Datasheet HTML 1Page - NXP Semiconductors MAC97A8 Datasheet HTML 2Page - NXP Semiconductors MAC97A8 Datasheet HTML 3Page - NXP Semiconductors MAC97A8 Datasheet HTML 4Page - NXP Semiconductors MAC97A8 Datasheet HTML 5Page - NXP Semiconductors MAC97A8 Datasheet HTML 6Page - NXP Semiconductors MAC97A8 Datasheet HTML 7Page - NXP Semiconductors MAC97A8 Datasheet HTML 8Page - NXP Semiconductors MAC97A8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
MAC97A8
4Q Triac
MAC97A8
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
7 November 2013
3 / 13
7. Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 50 °C; Fig. 1;
Fig. 2; Fig. 3
-
0.6
A
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
8
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
8.8
A
I2t
I2t for fusing
tp = 10 ms; SIN
-
0.32
A2s
IT = 1 A; IG = 20 mA; dIG/dt = 0.2 A/µs;
T2+ G+
-
50
A/µs
IT = 1 A; IG = 20 mA; dIG/dt = 0.2 A/µs;
T2+ G-
-
50
A/µs
IT = 1 A; IG = 20 mA; dIG/dt = 0.2 A/µs;
T2- G-
-
50
A/µs
dIT/dt
rate of rise of on-state current
IT = 1 A; IG = 20 mA; dIG/dt = 0.2 A/µs;
T2- G+
-
10
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
t = 2 microsecs (max)
-
5
W
PG(AV)
average gate power
over any 20 ms period ; T(lead) ≤ 80
°C; t = 2 microseconds (max)
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com