Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP4N50 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # MTP4N50
Description  N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

MTP4N50 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  MTP4N50 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. MTP4N50 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. MTP4N50 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - MTP4N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MTP4N50 FAIRCHILD-MTP4N50 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
New Jersey Semi-Conduct...
MTP4N50 NJSEMI-MTP4N50 Datasheet
122Kb / 3P
N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
logo
Inchange Semiconductor ...
MTP4N50 ISC-MTP4N50 Datasheet
300Kb / 2P
isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP4N50E MOTOROLA-MTP4N50E Datasheet
254Kb / 8P
TMOS POWER FET 4.0 AMPERES 500 VOLTS RDSon = 1.5 OHMS
logo
ON Semiconductor
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
High Energy Power FET
August, 2006 ??Rev. 2
More results

Similar Description - MTP4N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
N-Channel Power MOSFETs, 14 A, 60 A/100 V
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
IRF420-423 FAIRCHILD-IRF420-423 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
N-Channel Power MOSFETs, 4.5 A, 450V/500V
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
Vishay Siliconix
VN50300L VISHAY-VN50300L Datasheet
40Kb / 4P
N-Channel 500-V (D-S) MOSFETs
16-Jul-01
logo
New Jersey Semi-Conduct...
IRF330 NJSEMI-IRF330 Datasheet
848Kb / 3P
N-Channel Power MOSFETs, 5.5 A, 350 V/400 V
MTP4N45 NJSEMI-MTP4N45 Datasheet
122Kb / 3P
N-Channel Power MOSFETs, 4.5 A, 450 V/500 V
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
N-Channel Power MOSFETs 30 A,150 V/200 V
logo
Fairchild Semiconductor
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com