Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF253 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF253
Description  N-CHANNE POWER MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF253 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF253 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF253 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF253 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRF253

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF253 SAMSUNG-IRF253 Datasheet
215Kb / 5P
N-CHANNEL POWER MOSFETS
logo
IXYS Corporation
IRF253 IXYS-IRF253 Datasheet
49Kb / 1P
High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series
logo
New Jersey Semi-Conduct...
IRF253 NJSEMI-IRF253 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
logo
Inchange Semiconductor ...
IRF253 ISC-IRF253 Datasheet
48Kb / 2P
Nanosecond Switching Speed
More results

Similar Description - IRF253

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fuji Electric
2SK3524 FUJI-2SK3524 Datasheet
98Kb / 4P
N-CHANNE SILLCON POWER MOSFET
logo
Fairchild Semiconductor
FCB20N60F FAIRCHILD-FCB20N60F_12 Datasheet
341Kb / 6P
600V N-Channe MOSFET 600V, 20A, 190m廓
logo
Kersemi Electronic Co.,...
KSM5N50 KERSEMI-KSM5N50 Datasheet
1Mb / 6P
500V N-CHANNE MOSFET
logo
ZP Semiconductor
CJP02N80 ZPSEMI-CJP02N80 Datasheet
422Kb / 2P
N -Channe l Power MOSFET
logo
SHIKUES Electronics
2N7002KM SKTECHNOLGY-2N7002KM Datasheet
603Kb / 4P
N-channe l MOSFET
logo
Shanghai Leiditech Elec...
LM4185 LEIDITECH-LM4185 Datasheet
1Mb / 5P
P-Channe lEnhancement Mode Power MOSFET
logo
Pan Jit International I...
PJA3416AE-AU PANJIT-PJA3416AE-AU Datasheet
2Mb / 6P
20V N-Channe lEnhancement Mode MOSFET – ESD Protected
May 5,2021 PJA3416AE-AU-REV.00
logo
Guangdong Youtai Semico...
BSS308PE UMW-BSS308PE Datasheet
434Kb / 8P
P-channe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com