Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0009B Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # FT0009B
Description  P-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0009B Datasheet(HTML) 3 Page - Solid States Devices, Inc

  FT0009B Datasheet HTML 1Page - Solid States Devices, Inc FT0009B Datasheet HTML 2Page - Solid States Devices, Inc FT0009B Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0009B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF25P20
series
TO-254 (M)
SMD2 Isolated
.610
.290
3x .11±.02
.160
MAX
.190
.160
A
.880
.920
.570
.50 MIN
.510
2x .050
.610
.50 MIN
.220
.014
.006
.010
.02
TOLERANCES:
(UNLESS OTHERWISE SPECIFIED)
.XX ±
.XXX ±
1
2
3
LEAD FORMING CONFIGURATIONS
SMD1I dash#
-01
-02
-03
A
0.062”
0.000”
0.097”
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
SMD1I
Pin 1
Pin 2
Pin 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com