Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0010B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0010B
Description  Dual N-Channel JFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0010B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0010B Datasheet HTML 1Page - Solid States Devices, Inc FT0010B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
4/
Symbol
Min
Max Units
Gate – Source Breakdown Voltage
IG = -1µA, VDS = 0 V
BVGSS
-40
––
Volts
Static, Drain – Source ON State
Resistance
ID = 1 mA, VGS = 0 V
rDS(ON)
100
Ohms
Gate to Source Cutoff Voltage
VDS = 20 V, ID = 1 nA
VGS(OFF)
-0.5
-3.0
Volts
Gate to Source Leakage Current
VGS = -20 V, VDS = 0 V
VDG = -20 V, VDS = 0 V, TA = 150ºC
IGSS
-100
-200
pA
nA
Zero Gate Voltage Drain Current
VDS = 20 V, VGS = 0 V
IDSS
35
mA
Drain Cutoff Current
VDS = 20 V, VGS = -5 V
VDS = 20 V, VGS = -5 V, TA = 150ºC
ID(OFF)
100
200
pA
nA
Gate to Source Forward Voltage
IG = 1 mA, VDS = 0 V
VGS(F)
1.2
Volts
Drain to Source “ON” Voltage
ID = 3.0 mA, VGS = 0 V
VDS(ON)
0.4
Volts
Small Signal, Drain – Source ON
Resistance
VGS = 0 V, ID = 0 A, f = 1 kHz
rds(on)
100
Ohms
Small Signal, Common-Source, Short-
Circuit Input Capacitance
VDS = 20 V, VGS = 0 V, f = 1 MHz
Ciss
––
16
pF
Small Signal, Common-Source, Short-
Circuit Reverse Transfer Capacitance
VDS = 0 V, VGS = -5 V, f = 1 MHz
Crss
––
4.5
pF
Turn ON Delay Time
td (on)
––
15
ns
Rise Time
VDD = 10 V, VGS (on) = 0 V,
ID (on) = 3.0 mA, VGS (off) = -5 V
tr
––
5
ns
Turn OFF Delay Time
td (off)
––
50
ns
Fall Time
VDD = 10 V, VGS (on) = 0 V,
ID (on) = 3.0 mA, VGS (off) = -5 V
tf
––
30
ns
NOTES:
*
Pulse Test: Pulse Width = 100
μsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
5/ Mounted on FR1 PCB
Available Part
Numbers:
SFF4393A2GW
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Gullwing
Gate
Source
Drain
Gate
Source
Drain
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF4393A2GW
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0010B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com