Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0013C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0013C
Description  Avalanche Rated P-MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0013C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0013C Datasheet HTML 1Page - Solid States Devices, Inc FT0013C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0013C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFR9130 __ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Options
__ = Straight Leads
DB = Down Bend
UB = Up Bend
Package 3/
J = TO-257
SFR9130J
RADIATION TOLERANT
20 AMP, 100 Volts, 90 mΩ
Avalanche Rated P-MOSFET
Features:
Rugged Trench Technology
Low ON-resistance: 60mΩ typ
Radiation tolerant: less than 0.5V typical gate
threshold shift @ TID= 100kRAD
SEU and SEGR resistant to LET 38
Avalanche rated
Hermetically Sealed Power Packaging
Low Total Gate Charge, Fast Switching
Replacement for IRF9130 types
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDSS
-100
V
Gate – Source Voltage, continuous
Gate – Source Voltage, transient
VGS
±15
±25
V
Max. Continuous Drain Current
(package limited)
@ TC = 25ºC
@ TC = 100ºC
ID1
ID2
20
15
A
Max. Avalanche Current
@ L= 5.0mH
IAR
26
A
Max. Continuous Drain Current (Tj limited)
@ Tj= 150ºC
IDM
26
A
Single Pulse Avalanche Energy
@ L= 5.0mH
EAS
300
mJ
Total Power Dissipation
@ TC = 25ºC
PD
75
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.65
ºC/W
NOTES:
TO-257 (J)
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25
oC.


Similar Part No. - FT0013C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0013C SSDI-FT0013C_15 Datasheet
135Kb / 2P
Avalanche Rated P-MOSFET
More results

Similar Description - FT0013C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH10P50 IXYS-IXTH10P50 Datasheet
123Kb / 2P
Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
logo
Solid States Devices, I...
FT0042A SSDI-FT0042A Datasheet
163Kb / 3P
Avalanche Rated P-MOSFET
FT0045B SSDI-FT0045B Datasheet
129Kb / 2P
Avalanche Rated P-MOSFET
FT0055A SSDI-FT0055A Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
FT0057A SSDI-FT0057A Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
FT0013C SSDI-FT0013C_15 Datasheet
135Kb / 2P
Avalanche Rated P-MOSFET
FT0042A SSDI-FT0042A_15 Datasheet
163Kb / 3P
Avalanche Rated P-MOSFET
FT0045B SSDI-FT0045B_15 Datasheet
129Kb / 2P
Avalanche Rated P-MOSFET
FT0055A SSDI-FT0055A_15 Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
FT0057A SSDI-FT0057A_15 Datasheet
154Kb / 3P
Avalanche Rated N-MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com