Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0028 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # FT0028
Description  Avalanche Rated N-channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0028 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  FT0028 Datasheet HTML 1Page - Solid States Devices, Inc FT0028 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0028A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
TO-254
TO-254Z
Note 1: maximum current limited by package configuration
SFF23N60M
SFF23N60Z
15 AMP, 600 Volts, 320 mΩ
Avalanche Rated N-channel
MOSFET
Features:
•
Advanced low gate charge process
•
Lowest ON-resistance in the industry
•
Avalanche rated
•
Hermetically Sealed, Isolated Package
•
Low Total Gate Charge
•
Fast Switching
•
TX, TXV, S-Level screening available
•
Improved (RDS(ON) QG) figure of merit
Maximum Ratings
Symbol
Value
Units
Drain - Source Voltage
VDSS
600
V
Gate – Source Voltage
continuous
transient
VGS
±30
±40
V
Max. Continuous Drain Current (package limited)
@ TC = 25ºC
@ TC = 125ºC
ID1
ID2
15
7
A
Max. Instantaneous Drain Current (Tj limited)
@ TC = 25ºC
ID3
23
A
Max. Avalanche current
@ L= 0.1 mH
IAR
23
A
Single / Repetitive Avalanche Energy
@ L= 0.1 mH
EAS / EAR
1500 / 30
mJ
Total Power Dissipation
@ TC = 25ºC
PD
150
W
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
Rjc
0.83 (typ.0.6)
ºC /W
TO254
(M)
TO254Z
(Z)


Similar Part No. - FT0028

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0028 SSDI-FT0028_15 Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
More results

Similar Description - FT0028

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF23N60M SSDI-SFF23N60M Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
SFF44N50M SSDI-SFF44N50M Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
SFF44N50S1 SSDI-SFF44N50S1 Datasheet
161Kb / 2P
Avalanche Rated N-channel MOSFET
SFF75N10B SSDI-SFF75N10B_1 Datasheet
125Kb / 2P
Avalanche Rated N-channel MOSFET
FT0037B SSDI-FT0037B Datasheet
118Kb / 2P
Avalanche Rated N-channel MOSFET
FT0044A SSDI-FT0044A Datasheet
145Kb / 2P
Avalanche Rated N-channel MOSFET
F00129H SSDI-F00129H_15 Datasheet
188Kb / 3P
Avalanche Rated N-channel MOSFET
FT0028 SSDI-FT0028_15 Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
FT0029B SSDI-FT0029B_15 Datasheet
133Kb / 2P
Avalanche Rated N-channel MOSFET
FT0030 SSDI-FT0030_15 Datasheet
169Kb / 2P
Avalanche Rated N-channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com