Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3501 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 12Page - Texas Instruments LM3501 Datasheet HTML 13Page - Texas Instruments LM3501 Datasheet HTML 14Page - Texas Instruments LM3501 Datasheet HTML 15Page - Texas Instruments LM3501 Datasheet HTML 16Page - Texas Instruments LM3501 Datasheet HTML 17Page - Texas Instruments LM3501 Datasheet HTML 18Page - Texas Instruments LM3501 Datasheet HTML 19Page - Texas Instruments LM3501 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
D' =
VIN
=1-D
VOUT
VIN RDSON
0.58
L >
D
D'
-1
VIN RDSON
0.29
L >
D
D'
-1
LM3501
SNVS230B – MAY 2004 – REVISED MAY 2005
www.ti.com
In the event that the primary LED network is disconnected from the LM3501-21, the output voltage will increase
and be limited to 20.5V (typ.). There is a 1V hysteresis associated with this circuitry which will cause the output
to fluctuate between 20.5V and 19.5V (typ.) if the primary network is disconnected. In the event that the network
is reconnected regulation will begin at the appropriate output voltage. The 20.5V limit allows the use of 25V 1 µF
ceramic output capacitors.
RELIABILITY AND THERMAL SHUTDOWN
The maximum continuous pin current for the 8 pin thin micro SMD package is 535 mA. When driving the device
near its power output limits the VSW pin can see a higher DC current than 535 mA (see INDUCTOR SELECTION
section for average switch current). To preserve the long term reliability of the device the average switch current
should not exceed 535 mA.
The LM3501 has an internal thermal shutdown function to protect the die from excessive temperatures. The
thermal shutdown trip point is typically 150°C. There is a hysteresis of typically 35°C so the die temperature must
decrease to approximately 115°C before the LM3501 will return to normal operation.
INDUCTOR SELECTION
The inductor used with the LM3501 must have a saturation current greater than the cycle by cycle peak inductor
current (see Typical Peak Inductor Currents table below). Choosing inductors with low DCR decreases power
losses and increases efficiency.
The minimum inductor value required for the LM3501-16 can be calculated using the following equation:
(4)
The minimum inductor value required for the LM3501-21 can be calculated using the following equation:
(5)
For both equations above, L is in µH, VIN is the input supply of the chip in Volts, RDSON is the ON resistance of
the NMOS power switch found in the Typical Performance Characteristics section in ohms and D is the duty
cycle of the switching regulator. The above equation is only valid for D greater than or equal to 0.5. For
applications where the minimum duty cycle is less than 0.5, a 22 µH inductor is the typical recommendation for
use with most applications. Bench-level verification of circuit performance is required in these special cases,
however. The duty cycle, D, is given by the following equation:
(6)
where VOUT is the voltage at pin C1.
Table 1. Typical Peak Inductor Current (mA)(1)
LED Current
VIN
# LEDs
15
20
30
40
50
60
(V)
(in series)
mA
mA
mA
mA
mA
mA
2.7
2
82
100
134
160
204
234
3
118
138
190
244
294
352
4
142
174
244
322
X
X
5
191
232
319
413
X
X
3.3
2
76
90
116
136
172
198
3
110
126
168
210
250
290
4
132
158
212
270
320
X
5
183
216
288
365
446
X
(1)
CIN = COUT = 1 μFL = 22 μH, 160 mΩ DCR max. Coilcraft DT1608C-2232 and 3 LED applications: LM3501-16 or LM3501-21; LED VF =
3.77V at 20mA; TA = 25°C4 LED applications: LM3501-16 or LM3501-21; LED VF = 3.41V at 20mA; TA = 25°C5 LED applications:
LM3501-21 only; LED VF = 3.28V at 20mA; TA = 25°C
16
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com