Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLCC Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # LLCC
Description  Low Loss CWDM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LLCC Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  LLCC Datasheet HTML 1Page - OPLINK Communications Inc. LLCC Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0022 - R06. (web) 20130104
Product Description
Features
Applications
Channel Plan
Performance Specificationns
Notes:
[1] The maximum IL is under all states of polarization and
within the full operating temperature and wavelength ranges
specified.
[2] All the parameters are without connectors.
[3] The mechanical tolerance should be +/-0.2mm on all
package dimensions unless otherwise custom specified
LLCC Series
Min
Typical
Max
Unit
Center Wavelength λ
C
Refer to Channel Plan Below
nm
Channel Spacing
20
nm
Channel Passband
13
15
nm
1310 Express Passband
1260
1360
nm
Insertion Loss
within Passband 1)
4ch CWDM
0.8
1.0
dB
8ch CWDM
1.0
1.5
CWDM Expansion (4ch CWDM
only)
1.0
1.3
1310 Express
0.6
0.8
Passband Ripple
0.3
0.5
dB
Adjacent Channel Isolation
30
40
dB
Non-adjacent Channel Isolation
45
50
dB
1310 Express Isolation over CWDM Bands
40
45
dB
CWDM Expansion Isolation over CWDM Bands (4ch
CWDM only)
13
15
dB
Return Loss
45
50
dB
Directivity
55
dB
Polarization Dependent Loss (PDL)
0.20
dB
Polarization Mode Dispersion (PMD)
0.20
ps
Operating Power
300
mW
Operating Temperature
-5 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Corning SMF-28
Package
Dimensions 3)
Standard (250 or 900µm fiber jacket)
58.0 x 30.0 x9.6
mm
Compact (250µm fiber jacket only)
52.0 x 27.5 x 7.6
1471.0
1491.0
1511.0
1531.0
1551.0
1571.0
1591.0
1611.0
LLCC Series
Oplink’s Green Low Loss Coarse Wavelength Division Multiplexer is designed to
meet industrial stringent size and loss requirement. Based on Thin-Film-Filter (TFF)
and Micro-optics, this low loss CWDM features small form factor, ultra low insertion
loss, high channel isolation, and unparallel reliability. The technology is a lead-free
packaging platform and no epoxy in the optical path. The Green Low Loss CWDM
is Telcordia GR-1221and GR-1209 qualified, and complied with industry green initia-
tives such as RoHS and WEEE.
Small Form Factor
Environmental Green Plan Compliance
Ultra-Low Insertion Loss
High Reliability
High Channel Isolation
Epoxy-Free Optical Path
RoHS 6 Compliant
WDM System for Metro/Access
Market
Green Low Loss CWDM


Similar Part No. - LLCC

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
LLCC-S0022 OPLINK-LLCC-S0022 Datasheet
224Kb / 2P
Green Low Loss CWDM
LLCC20000C OPLINK-LLCC20000C Datasheet
351Kb / 2P
Low Loss CWDM
LLCC20000S OPLINK-LLCC20000S Datasheet
351Kb / 2P
Low Loss CWDM
LLCC20001C OPLINK-LLCC20001C Datasheet
351Kb / 2P
Low Loss CWDM
LLCC20001S OPLINK-LLCC20001S Datasheet
351Kb / 2P
Low Loss CWDM
More results

Similar Description - LLCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
LOW-LOSS FILTER
logo
OPLINK Communications I...
LLCC20000S OPLINK-LLCC20000S Datasheet
351Kb / 2P
Low Loss CWDM
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
Low Loss IGBT
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
OPLINK Communications I...
LLCC-S0022 OPLINK-LLCC-S0022 Datasheet
224Kb / 2P
Green Low Loss CWDM
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
CWDM Transceivers
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
Low Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
Low Insertion Loss
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com