Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFMSSM Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMSSM
Description  Fiber-optic Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMSSM Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMSSM Datasheet HTML 1Page - OPLINK Communications Inc. OFMSSM Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Parameters
Min
Typ.
Max
Unit
Operating Wavelength Range
(λ
Op)
1290 ~ 1330 and/or 1525 ~ 1610
nm
Insertion Loss 1
1x1, 1x2
≤ 0.5
dB
2x2AD
≤ 0.6
Polarization Dependent Loss
≤ 0.07
dB
Return Loss
≥ 50
dB
Channel Cross-talk
≥ 55
dB
Repeatability
±0.02
dB
Switching Speed 2
≤ 4
ms
Operating Voltage
5 ± 10%
VDC
Driving Current 3
Latching
22
32
mA
Non-latching
31
46
Coil Resistance
Latching
202.5 ± 10%
Ω
Non-latching
145 ± 10%
Cycle Rate
≤10
Hz
Durability
10 7
cycle
Operating Power Handling
500
mW
Operating Temperature (T
Op)
0
70
°C
Storage Temperature
-40
80
°C
Humidity 4
<85% RH, or <90%RH for short term
Switch Type
latching or non-latching, single coil
Fiber Type
Corning SMF-28 250μm fiber
Fiber Color Coding
Red, Black, Clear and Blue for port 1,2,3 and 4 in order
Package
Dimension
250μm Bare Fiber
29.0 (L) x 10.5 (W) x 7.85 (H)
mm
900μm Loose Tube
38.4 (L) x 10.5 (W) x 7.85 (H)
mm
Notes:
1) Excluding connectors; add 0.3 dB within λ
Op and TOp.
2) Switching time is defined as the time interval between
electrical trigger and 90% of stable optical output.
3) A >20ms DC pulse is recommended for latching type of
switch.
4) Short term is defined as less than 96 consecutive hours
and less than a total of 15 days over a one year period.
S0048 - R10 (web). 20110114
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop)
Fiber-optic Switch
OFMSSM Series
Oplink OFMS ultra-mini fiber-optic switches are ideal for module and system integration
where the unique unilateral input and output fiber configuration is preferred. These
switches are designed for use in re-configurable optical add/drop multiplexers, optical
cross-connect systems, and network switching for fault protection applications.
The opto-mechanical ultra-mini switch can be directly mounted on printed circuit board
(PCB) and offer the same excellent performance characteristics of Oplink’s standard
OFMS series switch products. The OFMS miniature switches are Telcordia standards GR-
1221 and GR-1073 qualified.
Oplink provides customized design to meet special control and applications. Also, Oplink
offers modular assemblies that integrate other components to form a full function mod-
ule or subsystem.
Miniature Size
Unilateral Input/output Fiber
Configuration
Bi-directional Operation
1x1, 1x2 Latching or Non-latching
Configurations
Wide Operating Wavelength Range
Seam-seal Package
Highly Stable & Reliable
Network Switching
Re-configurable Optical Add/drop
Multiplexers
Optical Cross-connect Systems
Network Protection and Restoration
Module and System Integration
Instrumentation, Testing and
Measurement


Similar Part No. - OFMSSM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
Add/Drop Optical Fiber Switches
More results

Similar Description - OFMSSM

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
OPLINK Communications I...
OFMS11MUD0 OPLINK-OFMS11MUD0 Datasheet
319Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
Fiber-Optic Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com