Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFMSSMD Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMSSMD
Description  Add/Drop Optical Fiber Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMSSMD Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMSSMD Datasheet HTML 1Page - OPLINK Communications Inc. OFMSSMD Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
Notes:
1) IL @23°C over all wavelength range and all SOP. Add
0.25 dB (max.) to IL values for dual 1x2 and 0.4dB (max)
for dual 2x2 Add/Drop over operating temperature
range.
2) Excluding connectors.
3) Current is derived from driving voltage and coil resis-
tance. Pulse of >20 ms duration is recommended for
latching switch.
4) The mechanical tolerance is ±0.2 mm on all package
dimensions unless specified otherwise.
Parameters
Min
Typ.
Max
Unit
Operating Wavelength Range (λ
Op)
1260 ~ 1360 and/or 1510 ~ 1610
nm
Insertion Loss 1, 2
Dual 1x2
0.4
0.7
dB
Dual 2x2AD
1.1
Wavelength Dependent Loss
0.1
0.2
dB
Polarization Dependent Loss
0.05
0.1
dB
Return Loss 2
50
dB
Channel Cross-talk
Dual 1x2
55
dB
Dual 2x2 AD
50
dB
Repeatability
±0.01
±0.02
dB
Switching Speed
5
10
ms
Operating Voltage 3
4.5
5.0
5.5
VDC
Operating Current 3
Latching
40
50
60
mA
Non-latching
29
35
42
Coil Resistance
Latching
101.2 ± 10%
Ω
Non-latching
145 ± 10%
Cycle Rate
10
Hz
Durability
10 7
cycle
Operating Power Handling
500
mW
Operating Temperature (T
Op)
0
70
°C
Storage Temperature
-40
80
°C
Switch Relay Type
latching, 2 Coils or non-latching, single coil
Fiber Type
SMF-28
Dimension 4
Bare Fiber Pigtail
P1: 46.0 (L) x 15.5 (W) x 9.1 (H)
mm
900μm Loose Tube Pigtail
P2: 54.0 (L) x 15.5 (W) x 9.1 (H)
mm
S0047 - R07 (web). 20100104
OFMS Series Single Mode Dual 1x2 and 2x2
Add/Drop Optical Fiber Switches
OFMSSMD Series
Oplink OFMS series single mode dual 1x2 or 2x2Add/Drop optical fiber switches function
as two 1x2 or 2x2 Add/Drop switches that are simultaneously switched together. The
dual switch is housed in the similar package as the Oplink OFMS series standard switches
while maintaining superior optical performance.
The dual 1x2 or 2x2 Add/Drop switch are built on Oplink’s patented opto-mechanical
switches having a unique prism design to improve the switch repeatability and stability.
The switches are designed for use in re-configurable optical add/drop multiplexers, opti-
cal cross-connect systems, and network switching for fault protection applications. One
dual 1x2 (2x2Add/Drop) switch device can be used to substitute two 1x2 (2x2Add/Drop)
switches. In addition, the dual 1x2 switches can be used as building blocks to construct
1x4 and 1x8 switches while significantly reducing the mechanical foot-print.
Oplink provides customized design to meet special control and applications. Also, Oplink
offers modular assemblies that integrate other components to form a full function mod-
ule or subsystem.
Wide Operating Wavelength Range
Compact Size
Low Insertion Loss
Seam-seal Package
Latching Configurations
Highly Stable & Reliable
Network Switching
Configurable Add/Drop
Network Protection and Restoration
Instrumentation, Testing and
Measurement
1x4 and 1x8 Switch Building Blocks


Similar Part No. - OFMSSMD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMSSM OPLINK-OFMSSM Datasheet
141Kb / 2P
Fiber-optic Switch
More results

Similar Description - OFMSSMD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS1800E0021H1 OPLINK-OFMS1800E0021H1 Datasheet
402Kb / 2P
1x8 Optical Fiber Switches
OFMSD12M80011 OPLINK-OFMSD12M80011 Datasheet
300Kb / 2P
Multi-mode Dual 1x2 or 2x2 Add/Drop Optical Fiber Switches
OFMS1100D0011H OPLINK-OFMS1100D0011H Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS12DUD0 OPLINK-OFMS12DUD0 Datasheet
306Kb / 2P
Single Mode Dual Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
CWDM Passive Optical Add/Drop Multiplexers
logo
OPLINK Communications I...
OFMSFULL-2X2 OPLINK-OFMSFULL-2X2 Datasheet
222Kb / 2P
2x2 Optical Fiber Switches
OFMS-MINI-1X4 OPLINK-OFMS-MINI-1X4 Datasheet
252Kb / 2P
1x4 Optical Fiber Switches
OFMS-MINI-1X8 OPLINK-OFMS-MINI-1X8 Datasheet
182Kb / 2P
1x8 Optical Fiber Switches
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
Optical Fiber Switches
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
Add/Drop Optical Fiber Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com