Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-C4CP-04000-M02-R Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FAR-C4CP-04000-M02-R
Description  Piezoelectric Resonator (4 to 16 MHz)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FAR-C4CP-04000-M02-R Datasheet(HTML) 3 Page - fujitsu semiconductor

  FAR-C4CP-04000-M02-R Datasheet HTML 1Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 2Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 3Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 4Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 5Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 6Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 7Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 8Page - fujitsu semiconductor FAR-C4CP-04000-M02-R Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FAR Family (C4 series P/Q type)
s STANDARD FREQUENCY
Notes: • Fujitsu can also develop applicable device in addition to standard devices if it’s oscillation frequency is
from 4 to 16 MHz.
• Resonant resistance of the part other than standard, Fujitsu should specify its resonant resistance
according to applied frequency. (See “• Frequency and standard resonant resistance.”)
• Frequency and standard resonant resistance
s NOTES ON USE
• Handle carefully
• Solder under the following conditions.
5 seconds max. at 230
°C (PCB)
Recommended preheating is 150
°C for one minute in order not to apply extreme heat to the resonator.
• Avoid extreme fluctuations in temperature.
• There is no specific direction in resonator mounting.
• Oscillation data should be examined when used in oscillation circuit with microcomputer or other ICs.
• This is for reflow solder, not for flow solder.
Standard frequency (kHz)
Package size
Resonant resistance
4,000
P
150
Ω max.
(Symbol: 01)
8,000
10,000
12,000
16,000
Q
75
Ω max.
(Symbol: 02)
Frequency
Standard resonant resistance
4.00 to 5.99 MHz
150
Ω max. (Symbol: 1)
6.00 to 16.00 MHz
75
Ω max. (Symbol: 2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com