Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA10F Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PBA10F
Description  AC-DC Power Supplies Enclosed type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBA10F Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PBA10F Datasheet HTML 6Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 7Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 8Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 9Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 10Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 11Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 12Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 13Page - List of Unclassifed Manufacturers PBA10F Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
A
3-M3
2-M3
M4
AC(N)
AC(L)
-V
-V
+V
+V
Name plate
15
112.5
±0.5
(13.5)
124±0.5
4
(11)
(20)
(23.5)
(14)
147
PBA100F
Tolerance : ±1 [±0.04]
¶ Weight : 440g max (without cover)
PCB Material/thickness : CEM3 / 1.6mm [0.06]
¶ Chassis material : Aluminum
Dimensions in mm, [
]= inches
Mounting torque : 0.49N • m(5kgf • cm)max
Mounting torque : M4:1.6N • m(16.9kgf • cm)max
Point A
Terminal cover
Mounting hole
Mounting
hole
Voltage adjust
LED
¶ External size of option T,J,R,N,N1,V and K is different from standard model and refer to 7 Option of instruction manual for details.
CN4
Connector for Remote sensing (option : only -3R3, -5)
CN3
Connector for Remote ON/OFF (option)
Cover (option)
FG(
)
Please connect safety ground to FG terminal on the unit.
1 2
Pin No.
Contents
1
2
RC(+)
RC(-)
CN3 Option (Mfr : J.S.T.)
Connector type
Model B2B-XH-A
Mating Connector (Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
Barrier strip type
()
[0.79]
[0.55]
[0.93]
[0.43]
[0.53]
[5.79]
[4.88]
[0.16]
[4.43]
[0.59]
PBA/PBW
PBA/PBW-13
PBA100F
Block diagram
FG
DC OUT
AC IN 85 - 264V
RC
E
250V3.15A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
TRANSFORMER
CONTROL
OVER VOLTAGE
PROTECTION
NOISE
FILTER
RECTIFIER
AND
FILTER
INVERTER
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTER
INVERTER
CONTROL
CURRENT
SENSING
EXTERNAL
SOURCE
OPTION
External view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com