Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8803TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM8803TR
Description  High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8803TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM8803TR Datasheet HTML 16Page - STMicroelectronics PM8803TR Datasheet HTML 17Page - STMicroelectronics PM8803TR Datasheet HTML 18Page - STMicroelectronics PM8803TR Datasheet HTML 19Page - STMicroelectronics PM8803TR Datasheet HTML 20Page - STMicroelectronics PM8803TR Datasheet HTML 21Page - STMicroelectronics PM8803TR Datasheet HTML 22Page - STMicroelectronics PM8803TR Datasheet HTML 23Page - STMicroelectronics PM8803TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
PD interface
PM8803
20/34
Doc ID 018559 Rev 2
A low T2P signal after the turn-on phase of the POE means that the PD is connected to a
Type2, 2-event physical layer classification PSE which may allocate power either through
further LLDP negotiation or directly feedthe PD with the required power.
In isolated applications, the main circuits and the PM8803 are at both sides of the galvanic
isolation. The T2P signal is normally connected to an optocoupler to pass the
Type 2, 2-event PSE detection information to the main circuit in the PD system.
Figure 7.
T2P signal when connected to PSE supporting 1-event classification
Figure 8.
T2P signal when connected to PSE supporting 2-event classification
Time
Idle or Mark Range
Classification Range
On range
Detection
Time
OUTPUT VOLTAGE
Soft Start
V
Time
T2P (802.3af)
V
T2P stable before
output soft-start
AM045097v1
Time
Idle or Mark Range
Classification Range
On range
Detection
Time
OUTPUT VOLTAGE
Soft Start
V
Time
T2P (802.3at)
V
T2P stable before
output soft-start
AM045098v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com