Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38859 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38859 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38859 Datasheet HTML 9Page - Texas Instruments LP38859 Datasheet HTML 10Page - Texas Instruments LP38859 Datasheet HTML 11Page - Texas Instruments LP38859 Datasheet HTML 12Page - Texas Instruments LP38859 Datasheet HTML 13Page - Texas Instruments LP38859 Datasheet HTML 14Page - Texas Instruments LP38859 Datasheet HTML 15Page - Texas Instruments LP38859 Datasheet HTML 16Page - Texas Instruments LP38859 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LP38859
www.ti.com
SNVS337D – JUNE 2006 – REVISED OCTOBER 2011
Figure 28.
θJA vs Copper (1 Ounce) Area for the DDPAK/TO-263 package
Figure 28 shows that increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 29 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 29. Maximum power dissipation vs ambient temperature for the DDPAK/TO-263 package
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38859



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com