Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM27341 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM27341
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27341 Datasheet(HTML) 1 Page - Texas Instruments

  LM27341_14 Datasheet HTML 1Page - Texas Instruments LM27341_14 Datasheet HTML 2Page - Texas Instruments LM27341_14 Datasheet HTML 3Page - Texas Instruments LM27341_14 Datasheet HTML 4Page - Texas Instruments LM27341_14 Datasheet HTML 5Page - Texas Instruments LM27341_14 Datasheet HTML 6Page - Texas Instruments LM27341_14 Datasheet HTML 7Page - Texas Instruments LM27341_14 Datasheet HTML 8Page - Texas Instruments LM27341_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LM27341, LM27342, LM27341Q, LM27342Q
www.ti.com
SNVS497D – NOVEMBER 2008 – REVISED FEBRUARY 2010
LM27341/LM27342/LM27341Q/LM27342Q 2 MHz 1.5A/2A Wide Input Range Step-Down DC-
DC Regulator with Frequency Synchronization
Check for Samples: LM27341, LM27342, LM27341Q, LM27342Q
1
FEATURES
DESCRIPTION
The
LM27341
and
LM27342
regulators
are
2
Space Saving 3 x 3 mm 10-Pin SON and
monolithic, high frequency, PWM step-down DC-DC
MSOP-PowerPad Packages
converters
in
10-pin
SON
and
10-pin
MSOP-
Wide Input Voltage Range: 3V to 20V
PowerPad packages. They contain all the active
Wide Output Voltage Range: 1V to 18V
functions to provide local DC-DC conversion with fast
transient response and accurate regulation in the
LM27341 Delivers 1.5A Maximum Output
smallest possible PCB area.
Current
With
a
minimum
of
external
components
the
LM27342 Delivers 2A Maximum Output Current
LM27341 and LM27342 are easy to use. The ability
High Switching Frequency: 2 MHz
to drive 1.5A or 2A loads respectively, with an internal
Frequency Synchronization: 1.00 MHz < fSW <
150 m
Ω NMOS switch results in the best power
2.35 MHz
density available. The world-class control circuitry
allows for on-times as low as 65 ns, thus supporting
150 m
Ω NMOS Switch with Internal Bootstrap
exceptionally high frequency conversion. Switching
Supply
frequency
is
internally
set
to
2
MHz
and
70 nA Shutdown Current
synchronizable from 1 to 2.35 MHz, which allows the
Internal Voltage Reference Accuracy of 1%
use of extremely small surface mount inductors and
chip capacitors. Even though the operating frequency
Peak Current-Mode, PWM Operation
is very high, efficiencies up to 90% are easy to
Thermal Shutdown
achieve. External shutdown is included featuring an
LM27341Q and LM27342Q are AEC-Q100
ultra-low shutdown current of 70 nA. The LM27341
Grade 1 Qualified and are Manufactured on an
and LM27342 utilize peak current-mode control and
Automotive Grade Flow
internal compensation to provide high-performance
regulation over a wide range of operating conditions.
Additional features include internal soft-start circuitry
APPLICATIONS
to reduce inrush current, pulse-by-pulse current limit,
Local 12V to Vcore Step-Down Converters
thermal
shutdown,
and
output
over-voltage
Radio Power Supply
protection.
Core Power in HDDs
Set-Top Boxes
Automotive
USB Powered Devices
DSL Modems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM27341_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27341 NSC-LM27341_10 Datasheet
769Kb / 30P
2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI-LM27341_15 Datasheet
2Mb / 44P
LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM27341_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 NSC-LM27341_10 Datasheet
769Kb / 30P
2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM27341 TI-LM27341_15 Datasheet
2Mb / 44P
LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
Wide Input Range, High Efficiency Step-Down DC/DC Converter
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
4/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com