Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDUR9V0LP-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDUR9V0LP-HF
Description  Low Capacitance ESD SMD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDUR9V0LP-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDUR9V0LP-HF Datasheet HTML 1Page - Comchip Technology CPDUR9V0LP-HF Datasheet HTML 2Page - Comchip Technology CPDUR9V0LP-HF Datasheet HTML 3Page - Comchip Technology CPDUR9V0LP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CPDUR9V0LP-HF)
0.8
1.0
1.6
0
3
9
Reverse voltage, (V)
Fig. 4 - Capacitance between
terminals characteristics
Fig. 3 - Clamping voltage vs.
peak pulse current
Peak pulse current,IPP (A)
1.2
9
18
21
0.2
0
8/20us waveform
Ambient temperature, ( °C )
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig. 2 - Power rating derating curve
12
form acc. IEC 61000-4-5
wave
Fig. 1 - 8/20us Peak pulse current
Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
e-t
td= t Ipp/2
6
1.2
1.4
f=1MHz
TA=25°C
0.4
0.6
0.8
1.0
15
Low Capacitance
ESD Protection Diode
SMD
Page 2
Comchip Technology CO., LTD.
REV:A
QW-G7061
Company reserves the right to improve product design , functions and reliability without notice.
1.8
2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com