Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDV3V0SP-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDV3V0SP-HF
Description  Low Capacitance SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDV3V0SP-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDV3V0SP-HF Datasheet HTML 1Page - Comchip Technology CPDV3V0SP-HF Datasheet HTML 2Page - Comchip Technology CPDV3V0SP-HF Datasheet HTML 3Page - Comchip Technology CPDV3V0SP-HF Datasheet HTML 4Page - Comchip Technology CPDV3V0SP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
QW-JP034
REV: A
Comchip Technology CO., LTD.
Electrical Characteristics Per Line (at TA=25°C unless otherwise Specified)
Low Capacitance
ESD Protection Diode
SMD
Company reserves the right to improve product design , functions and reliability without notice.
CPDV24V0SP-HF
CPDV15V0SP-HF
CPDV8V0SP-HF
CPDV3V3SP-HF
CPDV5V0SP-HF
CPDV12V0SP-HF
CPDV3V0SP-HF
Part No.
VRWN (V)
Max
24
3.3
5
8
12
15
3
V(BR) (V)
Min
26.7
4
6
8.5
13.3
16.7
4
IT (mA)
1
1
1
1
1
1
1
@
IPP=1A
VC (V)
43.0
5.15
9.80
13.4
19.0
24.0
5.15
Max
56.0
13.9
18.3
18.5
28.6
31.8
13.9
VC (V)
IPP (A)
3
6
5
8
IR (uA)
(Max)
40
20
1
5
2
1
1
C (pF)
J
(Typ)
0.4
0.4
0.4
0.4
0.4
0.4
0.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com