Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG3216 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RG3216
Description  Thin Film Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG3216 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RG3216 Datasheet HTML 1Page - List of Unclassifed Manufacturers RG3216 Datasheet HTML 2Page - List of Unclassifed Manufacturers RG3216 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra precision 0.02%, 0.05%, 0.1%, 0.25%, 0.5%, tolerance
Thin Film Chip Resistor
SUSUMU CO.,LTD
RG series
www.susumu.co.jp
Dimensions inch (mm)
Performance
Dimensions & Footprints
PP
L
W
T
a
b
c
LW
P
T
. 040± . 002
. 020± . 002
. 008 ± . 004
. 014± . 002
( 1 . 0 ± 0. 05)
( 0 . 5 ± 0. 05)
( 0 . 2 ± 0. 1)
( 0 . 35 ± 0. 05)
. 063 ± . 008
. 031 ± . 008
. 012 ± . 008
0. 016 ± . 004
( 1 . 6 ± 0. 2)
( 0 . 8 ± 0. 2)
( 0 . 3 ± 0. 2)
( 0 . 4 ± 0. 1)
. 079 ± . 008
. 049 ± . 008
. 016 ± . 008
0. 016 ± . 004
( 2 . 0 ± 0. 2)
( 1 . 25 ± 0. 2)
( 0 . 4 ± 0. 2)
( 0 . 4 ± 0. 1)
. 126 ± . 008
. 063 ± . 008
. 02 ± . 0 1
0 . 016 ± . 004
( 3 . 2 ± 0. 2)
( 1 . 6 ± 0. 2)
( 0 . 5 ± 0. 25)
( 0 . 4 ± 0. 1)
R G 3216
R G 1005
R G 1608
R G 2012
abc
R G 1 005
0 .5
1 .6
0.6
R G 1 608
1 .0
3 .0
1.2
R G 2 012
1 .2
4 .0
1.7
R G 3 216
2 .0
5 .0
2.0
Dimensions (mm)
Ordering information
Sldering Temperature Profile
300
250
200
150
100
50
0
10 Sec.
1-5
oC/Sec.
1-5
oC/Sec.
1-9
oC/Sec.
120 Sec.
Peak Temperature 260
oC
Power Derating Curve
:For operation above 85degC, power rating must be
derated according to the following chart
Recommended Reflow Curve
RG
16 08
N
T5
W
104
-
T YPE
Siz e
10 05
16 08
20 12
32 16
TC R
V = 5 ppm /oC
N = 10p p m /o C
P= 2 5 p p m /oC
Q = 50p p m /oC
R = 100p p m /oC
-
R- Va lu e s
3 digits f o r E 24 s e r ie s
( E x . 104= 100K oh m )
4 digits f o r E 96 s e r ie s
( E x . 4992= 49. 9K oh m )
To le r anc e
P = 0 .02%
W = 0.05%
B= 0 .1 %
C = 0.25%
D = 0.5%
P a c k age
T1= 1000
T5= 5000
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com